Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCV-3083 Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SCV-3083 Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SCV-3083
Download  SCV-3083 Download
File Size   266.25 Kbytes
Page   2 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description High Resolution WDR Vandal-Resistant Dome Camera

SCV-3083 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCV-3083 Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SCV-3083
Download  SCV-3083 Click to download

File Size   266.25 Kbytes
Page   2 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description High Resolution WDR Vandal-Resistant Dome Camera

SCV-3083 Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SCV-3083 Product details

• High resolution of 700TV lines/960H(Color/ER mode)
• Min. Illumination 0.3Lux@F1.2(Color), 0.01Lux(B/W)
• Built-in 2.8x (3 ~ 8.5mm) Motorized V/F Lens
• WDR, VPS, Day & Night(ICR)
• Motion Detection, DIS, Defog, SSNR III
• Coax : Pelco-C (Coaxitron), IP66 Grade




Similar Part No. - SCV-3083

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SCV-3080 HANWHAVISION-SCV-3080 Datasheet
258Kb / 2P
1/3" High Resolution WDR Vandal-Resistant Dome Camera
SCV-3081 HANWHAVISION-SCV-3081 Datasheet
281Kb / 2P
High Resolution WDR Vandal-Resistant Dome Camera
SCV-3082 HANWHAVISION-SCV-3082 Datasheet
264Kb / 2P
650TVL, High Resolution WDR Vandal-Resistant Dome Camera
More results


Similar Description - SCV-3083

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV8 E-SWITCH-PV8 Datasheet
134Kb / 1P
Vandal and Vandal Resistant, RATING: 2A 36VDC
logo
Elektron Components Ltd...
DX0505 BULGIN-DX0505 Datasheet
70Kb / 1P
Vandal Resistant LED Indicators
DX0507 BULGIN-DX0507 Datasheet
75Kb / 1P
Vandal Resistant LED Indicators
MPI001 BULGIN-MPI001 Datasheet
77Kb / 1P
Stainless Steel Illuminated Vandal Resistant
logo
E-SWITCH
PV2 E-SWITCH-PV2 Datasheet
169Kb / 1P
VANDAL RESISTANT
logo
List of Unclassifed Man...
TANGO-20A ETC2-TANGO-20A Datasheet
990Kb / 3P
Vandal resistant
logo
Taoglas antenna solutio...
G20.B.305111.WMC TAOGLAS-G20.B.305111.WMC Datasheet
1Mb / 15P
Covert and Vandal Resistant
logo
List of Unclassifed Man...
IPC-D112-PF28 ETC1-IPC-D112-PF28 Datasheet
563Kb / 3P
2MP Vandal-resistant Network IR Fixed Dome Camera
logo
Honeywell Solid State E...
H4W2PER2V HONEYWELL-H4W2PER2V Datasheet
562Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
H4W2PER3V HONEYWELL-H4W2PER3V Datasheet
561Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com