Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2908358 Datasheet (PDF) - PHOENIX CONTACT

2908358 Datasheet PDF - PHOENIX CONTACT
Part # 2908358
Download  2908358 Download
File Size   182.83 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FUSE 10A/400V GRL - Fuse

2908358 Datasheet (PDF)

Go To PDF Page Download Datasheet
2908358 Datasheet PDF - PHOENIX CONTACT

Part # 2908358
Download  2908358 Click to download

File Size   182.83 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FUSE 10A/400V GRL - Fuse

2908358 Datasheet (HTML) - PHOENIX CONTACT


2908358 Product details

Fuse, nominal current: 10 A, length: 31.8 mm, diameter: 6.35 mm




Similar Part No. - 2908358

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2908357 PHOENIX-2908357 Datasheet
181Kb / 5P
FUSE 40A/32V ATOF - Fuse
2908359 PHOENIX-2908359 Datasheet
189Kb / 6P
ME B-22,5 MKDSO BU - Filler plug
More results


Similar Description - 2908358

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
logo
Cyntec Co., Ltd.
FC-5432-10A-C1-C CYNTEC-FC-5432-10A-C1-C Datasheet
1Mb / 10P
FUSE
FC-5432-12A-C1-C CYNTEC-FC-5432-12A-C1-C Datasheet
1Mb / 10P
FUSE
FD-4030-12A-C1-C CYNTEC-FD-4030-12A-C1-C Datasheet
1,017Kb / 10P
FUSE
FD-4030-15A-C1-C CYNTEC-FD-4030-15A-C1-C Datasheet
1,002Kb / 10P
FUSE
FR-9550-30A-C01-B CYNTEC-FR-9550-30A-C01-B Datasheet
1Mb / 11P
FUSE
logo
Shanghai Leiditech Elec...
LM5N1500AP LEIDITECH-LM5N1500AP Datasheet
761Kb / 5P
FUSE
logo
PHOENIX CONTACT
2903384 PHOENIX-2903384 Datasheet
57Kb / 3P
Fuse - FUSE-10X38-20A-GR
09/12/2020
2907426 PHOENIX-2907426 Datasheet
54Kb / 2P
Fuse set - FUSE/NANO/10A/F-10PCS
09/12/2020
3062773 PHOENIX-3062773 Datasheet
58Kb / 3P
Fuse - FUSE 10,3X85 20A PV
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com