Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74401 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS74401 Datasheet PDF - Texas Instruments
Part # TPS74401
Download  TPS74401 Download
File Size   3225.38 Kbytes
Page   48 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS74401 3.0A, Ultra-LDO With Programmable Soft-Start

TPS74401 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS74401 Datasheet PDF - Texas Instruments

Part # TPS74401
Download  TPS74401 Click to download

File Size   3225.38 Kbytes
Page   48 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS74401 3.0A, Ultra-LDO With Programmable Soft-Start

TPS74401 Datasheet (HTML) - Texas Instruments


TPS74401 Product details

1 Features
• Input voltage range: 1.1V to 5.5V
• Adjustable start-up in-rush control
• 1% accuracy over line, load, and temperature
• VBIAS permits low VIN operation with good transient
response
• Adjustable output: 0.8V to 3.6V
• Ultra-low dropout:
– 115mV (typical) (legacy chip) at 3.0A
– 120mV (typical) (new chip) at 3.0A
• Stable with any or no output capacitor (legacy
chip)
• Stable with any output capacitor ≥2.2μF (new chip)
• Power-good (PG) output allows supply monitoring
or provides a sequencing signal for other supplies
• Packages:
– 5mm × 5mm × 1mm VQFN (RGW)
– 3.5mm × 3.5mm VQFN (RGR), and DDPAK-7
(legacy chip only)

2 Applications
• Network attached storage - enterprise
• Rack servers
• Network interface cards (NIC)
• Merchant network and server PSU

3 Description
The TPS74401 low-dropout (LDO) linear regulators
provide an easy-to-use robust power-management
option for a wide variety of applications. The userprogrammable
soft-start minimizes stress on the input
power source by reducing capacitive inrush current
on start-up. The soft-start is monotonic and designed
for powering many different types of processors
and application-specific integrated circuits (ASICs).
The enable input and power-good output allow
easy sequencing with external regulators. Complete
flexibility lets the user configure a plan that meets the
sequencing requirements of field-programmable gate
arrays (FPGAs), digital signal processors (DSPs), and
other applications with specific start-up requirements.
A precision reference and error amplifier deliver 1%
accuracy over load, line, temperature, and process.
The device is stable without an output capacitor
(legacy chip) or with any type of capacitor ≥ 2.2μF
(new chip). The device is fully specified from TJ = –
40°C to 125°C.




Similar Part No. - TPS74401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
3.0A Ultra-Low Dropout Linear Regulator
TPS74401 TI1-TPS74401 Datasheet
1Mb / 40P
3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401-EP TI1-TPS74401-EP Datasheet
1Mb / 40P
3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401KTWR TI-TPS74401KTWR Datasheet
411Kb / 22P
3.0A Ultra-Low Dropout Linear Regulator
More results


Similar Description - TPS74401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
1.5A Ultra-LDO with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
1.5A Ultra-LDO with Programmable Soft-Start
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
Ultra-LDO With Programmable Soft-Start
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
3.0-A, Ultra-LDO with Programmable Soft-Start
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com