Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70933DRVRM3 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS70933DRVRM3 Datasheet PDF - Texas Instruments
Part # TPS70933DRVRM3
Download  TPS70933DRVRM3 Download
File Size   2129.46 Kbytes
Page   39 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS709 150-mA, 30-V, 1-μA IQ Voltage Regulators With Enable

TPS70933DRVRM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS70933DRVRM3 Datasheet PDF - Texas Instruments

Part # TPS70933DRVRM3
Download  TPS70933DRVRM3 Click to download

File Size   2129.46 Kbytes
Page   39 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS709 150-mA, 30-V, 1-μA IQ Voltage Regulators With Enable

TPS70933DRVRM3 Datasheet (HTML) - Texas Instruments


TPS70933DRVRM3 Product details

1 Features
• Ultra-low IQ: 1 μA
• Reverse current protection
• Low ISHUTDOWN: 150 nA
• Input voltage range: 2.7 V to 30 V
• Supports 200-mA peak output
• 2% accuracy over temperature
• Available in fixed-output voltages:
1.2 V to 6.5 V
• Thermal shutdown and overcurrent protection
• Packages: SOT-23-5, WSON-6

2 Applications
• Smoke and heat detectors
• Thermostats
• Motion detectors (PIR, uWave, and so forth)
• Cordless power tools
• Appliance battery packs
• Electricity meters
• Water meters

3 Description
The TPS709 series of linear regulators are ultralow,
quiescent current devices designed for powersensitive
applications. A precision band-gap and error
amplifier provides 2% accuracy over temperature.
Quiescent current of only 1 μA makes these
devices ideal solutions for battery-powered, alwayson
systems that require very little idle-state power
dissipation. These devices have thermal-shutdown,
current-limit, and reverse-current protections for
added safety.
Shutdown mode is enabled by pulling the EN pin low.
The shutdown current in this mode goes down to
150 nA, typical.
The TPS709 series is available in WSON-6 and
SOT-23-5 packages.




Similar Part No. - TPS70933DRVRM3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70933DRVRM3 TI-TPS70933DRVRM3 Datasheet
2Mb / 39P
TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70933DRVRM3 TI2-TPS70933DRVRM3 Datasheet
2Mb / 43P
TPS709 150-mA, 30-V, 1-μA IQ Voltage Regulators With Enable
REVISED JULY 2021
TPS70933DRVRM3.A TI2-TPS70933DRVRM3.A Datasheet
2Mb / 43P
TPS709 150-mA, 30-V, 1-μA IQ Voltage Regulators With Enable
REVISED JULY 2021
More results


Similar Description - TPS70933DRVRM3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com