Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3MHQ Datasheet (PDF) - Diodes Incorporated

S3MHQ Datasheet PDF - Diodes Incorporated
Part # S3MHQ
Download  S3MHQ Download
File Size   292.64 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A SURFACE-MOUNT STANDARD RECTIFIER

S3MHQ Datasheet (PDF)

Go To PDF Page Download Datasheet
S3MHQ Datasheet PDF - Diodes Incorporated

Part # S3MHQ
Download  S3MHQ Click to download

File Size   292.64 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A SURFACE-MOUNT STANDARD RECTIFIER

S3MHQ Datasheet (HTML) - Diodes Incorporated


S3MHQ Product details

Features
• Glass Passivated Die Construction
• Low-Forward Voltage Drop and High-Current Capability
• Surge Overload Rating to 100A Peak
• Ideally Suited for Automated Assembly
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The S3MHQ is suitable for automotive applications requiring
specific change control; this part is AEC-Q101 qualified,
PPAP capable, and manufactured in IATF 16949 certified
facilities.




Similar Part No. - S3MHQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3MHQ DIODES-S3MHQ Datasheet
286Kb / 2P
1000V Rectifiers with High Surge Rating Enhance Automotive System Reliability
February 2025
S3MHQ-13-F DIODES-S3MHQ-13-F Datasheet
286Kb / 2P
1000V Rectifiers with High Surge Rating Enhance Automotive System Reliability
February 2025
More results


Similar Description - S3MHQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3A DIODES-ES3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
B320 DIODES-B320_1 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
logo
TAITRON Components Inco...
1N5400 TAITRON-1N5400 Datasheet
171Kb / 5P
3.0A STANDARD RECTIFIER
S3A TAITRON-S3A Datasheet
191Kb / 5P
3.0A Surface Mount Rectifier
S3AB TAITRON-S3AB Datasheet
194Kb / 5P
3.0A Surface Mount Rectifier
SS32A TAITRON-SS32A Datasheet
202Kb / 4P
3.0A Surface Mount Schottky Rectifier
SS32B TAITRON-SS32B Datasheet
182Kb / 3P
3.0A Surface Mount Schottky Rectifier
T3A05 TAITRON-T3A05 Datasheet
170Kb / 5P
3.0A Standard Rectifier
logo
Diodes Incorporated
S3G-13-F DIODES-S3G-13-F Datasheet
133Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 16
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com