Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA-C110W Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SPA-C110W Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SPA-C110W
Download  SPA-C110W Download
File Size   763.46 Kbytes
Page   4 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description IP Ceiling Speaker

SPA-C110W Datasheet (PDF)

Go To PDF Page Download Datasheet
SPA-C110W Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SPA-C110W
Download  SPA-C110W Click to download

File Size   763.46 Kbytes
Page   4 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description IP Ceiling Speaker

SPA-C110W Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SPA-C110W Product details

• Output Level: +6dBV ± 3dB
• Frequency Response: 20Hz ~ 20kHz
• Amplifier: Built in 10W Class D
• Power: PoE (IEEE 802.3 af type 1 Class 3), PoE+(IEEE 802.3 at type 2 Class 4)
• Internal Memory: 1 GBytes
• Max. Sound Pressure Level: 100dB
• Frequency Range (-10dB): 120Hz~20kHz
• Sensitivity (1Watt): 90dB
• Supported Protocol: IPv4, HTTP, SIP, mDNS, DNS, NTP, TCP, UDP, DHCP, ARP, ICMP
• TTS: English(US, UK), German, French, Spanish, Russian
• Audio Mornitoring: Speaker test by graphic level meter (Built in test tool)




Similar Part No. - SPA-C110W

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SPA-C110B HANWHAVISION-SPA-C110B Datasheet
619Kb / 4P
IP Ceiling Speaker
More results


Similar Description - SPA-C110W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
600-00005-02 ETC1-600-00005-02 Datasheet
380Kb / 4P
CEILING SPEAKER DESIGN (CNSRD)
logo
Systemsensor advanced i...
SP2C2415 SYSTEMSENSOR-SP2C2415 Datasheet
463Kb / 2P
Ceiling Mount Speaker Strobes
logo
Gamewell-FCI by Honeywe...
SP2C2415 GAMEWELL-FCI-SP2C2415 Datasheet
367Kb / 2P
Ceiling-Mount Speaker/Strobes
logo
Lumins Inc.
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com