Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7517 Datasheet (PDF) - Hamamatsu Corporation

R7517 Datasheet PDF - Hamamatsu Corporation
Part # R7517
Download  R7517 Download
File Size   176.52 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PHOTOMULTIPLIER TUBE

R7517 Datasheet (PDF)

Go To PDF Page Download Datasheet
R7517 Datasheet PDF - Hamamatsu Corporation

Part # R7517
Download  R7517 Click to download

File Size   176.52 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PHOTOMULTIPLIER TUBE

R7517 Datasheet (HTML) - Hamamatsu Corporation


R7517 Product details

PHOTOMULTIPLIER TUBE

High QE, Bialkali Photocathode
28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type

FEATURES
● Wide Spectral Response ......................... 185 nm to 760 nm
● High Cathode Sensitivity
    Luminous ................................................. 160 µA/lm Typ.
    Radiant at 420 nm ................................... 105 mA/W Typ.
    Quantum Efficiency at 220 nm ........................ 40 % Typ.
● High Anode Sensitivity (at 1000 V)
    Luminous ................................................. 1600 A/lm Typ.
    Radiant at 420 nm ............................ 10.5 × 105 A/W Typ.

APPLICATIONS
● Fluorescence Spectrophotometers
● Fluorescence Immuno Assay
● SO2 Monitor (UV Fluorescence)




Similar Part No. - R7517

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
PC Power Supply Supervisor
January 2012
R7510AGN RICHTEK-R7510AGN Datasheet
326Kb / 12P
PC Power Supply Supervisor
January 2012
logo
Hamamatsu Corporation
R7511 HAMAMATSU-R7511 Datasheet
70Kb / 2P
PHOTOMULTIPLIER TUBES
R7518 HAMAMATSU-R7518 Datasheet
196Kb / 4P
PHOTOMULTIPLIER TUBES High Sensitivity with Low Noise Photocathode
R7518 HAMAMATSU-R7518_15 Datasheet
223Kb / 4P
PHOTOMULTIPLIER TUBES
More results


Similar Description - R7517

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
PHOTOMULTIPLIER TUBE
R12199 HAMAMATSU-R12199_15 Datasheet
126Kb / 2P
PHOTOMULTIPLIER TUBE
R7154 HAMAMATSU-R7154_15 Datasheet
213Kb / 4P
PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
PHOTOMULTIPLIER TUBE
R2496 HAMAMATSU-R2496_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R2257 HAMAMATSU-R2257_15 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_15 Datasheet
112Kb / 2P
PHOTOMULTIPLIER TUBE
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com