Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50LA613V-ZG Datasheet (PDF) - AG Electronica

50LA613V-ZG Datasheet PDF - AG Electronica
Part # 50LA613V-ZG
Download  50LA613V-ZG Download
File Size   265.8 Kbytes
Page   4 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description KIT DE 12 BARRAS BACKLIGHT LG 50” TIPO 3L13R13L23R2

50LA613V-ZG Datasheet (PDF)

Go To PDF Page Download Datasheet
50LA613V-ZG Datasheet PDF - AG Electronica

Part # 50LA613V-ZG
Download  50LA613V-ZG Click to download

File Size   265.8 Kbytes
Page   4 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description KIT DE 12 BARRAS BACKLIGHT LG 50” TIPO 3L13R13L23R2

50LA613V-ZG Datasheet (HTML) - AG Electronica


50LA613V-ZG Product details

Descripción
El KIT LG 6916L-1272A se conforma de cuatro barras(R1 , L1 , R2 , L2) especiales para la iluminación de pantallas Backlight compatibles con televisores de la marca LG de 50 pulgadas, cada barra cuenta con 5 LED´s SMD3528 con óptica especial y un ángulo de apertura de 120°, PCB de aluminio de 50 cm de largo x 1.2 de ancho para R1, 49.3 cm de largo x 1.2 cm de ancho para L1, dando una longitud total de 99.3 cm y 52.8 cm de largo x 1.2 cm de ancho para R2 y 46.7 cm de largo x 1.2 cm de ancho para L2 dando una longitud total de 99.5 cm, la unión de las barras es por medio de un conector tipo clip.




Similar Part No. - 50LA613V-ZG

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50L-001 JFW-50L-001 Datasheet
25Kb / 1P
FEEDTHRU TERMINATION
50L-001 JFW-50L-001 Datasheet
26Kb / 1P
FIXED ATTENUATOR KIT
50L-018 JFW-50L-018 Datasheet
25Kb / 1P
FEEDTHRU TERMINATION
50L-026 JFW-50L-026 Datasheet
69Kb / 1P
FEEDTHRU TERMINATION
logo
VBsemi Electronics Co.,...
50L02GJ VBSEMI-50L02GJ Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - 50LA613V-ZG

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1485Z HAMMOND-1485Z Datasheet
50Kb / 1P
Tron챌ons de rotation de 12 po
1486 HAMMOND-1486 Datasheet
139Kb / 2P
Chemin de cablage de type 12
1488 HAMMOND-1488 Datasheet
143Kb / 3P
Miniconsoles de type 12
LKN4 HAMMOND-LKN4 Datasheet
57Kb / 1P
Jeu de 12 verrous de type 4
logo
Schneider Electric
LDB121 SCHNEIDER-LDB121 Datasheet
57Kb / 2P
WIREWAY 12 x 12 - N1 Paint - 1 ft lg
LDB122 SCHNEIDER-LDB122 Datasheet
99Kb / 2P
WIREWAY 12 x 12 - N1 Paint - 2 ft lg
LDB123 SCHNEIDER-LDB123 Datasheet
83Kb / 2P
WIREWAY 12 x 12 - N1 Paint - 3 ft lg
LDB124 SCHNEIDER-LDB124 Datasheet
82Kb / 2P
WIREWAY 12 x 12 - N1 Paint - 4 ft lg
LDB125 SCHNEIDER-LDB125 Datasheet
70Kb / 2P
WIREWAY 12 x 12 - N1 Paint - 5 ft lg
LDB1210 SCHNEIDER-LDB1210 Datasheet
70Kb / 2P
WIREWAY 12 x 12 - N1 Paint - 10 ft lg
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com