Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4WPB1K Datasheet (PDF) - Campbell Scientific United Kingdom

4WPB1K Datasheet PDF - Campbell Scientific United Kingdom
Part # 4WPB1K
Download  4WPB1K Download
File Size   813.41 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description RTD Temperature Probe and Aspirated Radiation Shield

4WPB1K Datasheet (PDF)

Go To PDF Page Download Datasheet
4WPB1K Datasheet PDF - Campbell Scientific United Kingdom

Part # 4WPB1K
Download  4WPB1K Click to download

File Size   813.41 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description RTD Temperature Probe and Aspirated Radiation Shield

4WPB1K Datasheet (HTML) - Campbell Scientific United Kingdom


4WPB1K Product details

Benefits and Features
Uses 1000 Ω RTD for highly accurate air temperature measurements
Well-suited for air quality applications
43502 fan-aspirated radiation shield reduces radiation errors for more accurate measurements
Ideal for delta temperature measurements used in calculating atmospheric stability class
Standard RTD uncertainty is ±0.3ºC. With optional three point calibration, uncertainty is only ±0.1ºC.

Technical Description
Delta Temperature Measurements
To determine delta temperature, a 43347 probe mounted in a 43502 shield is attached to the mast of a UT930 tower, while another 43347 probe mounted in a 43502 shield is attached to the tower at a 2-m height. The temperature difference of the two measurement heights is calculated and used to determine atmospheric stability as required by the EPA.
43502 Aspirated Radiation Shield
The 43502 employs concentric downward facing intake tubes and a small canopy shade to isolate the temperature probe from direct and indirect radiation. The 43347 probe mounts vertically in the centre of the intake tubes. A brushless 12 Vdc blower motor pulls ambient air into the shield and across the probe to reduce radiation errors. This allows temperature to be measured with an RMS errror of less than ±0.2ºC. The blower operates off a 230 V to 12 Vdc transformer that is included with the shield.





Similar Description - 4WPB1K

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
CYN-8Y-001 CYNTEC-CYN-8Y-001 Datasheet
1Mb / 7P
SD50114XXX, PT RTD probe sensor
CYN-8Y-002 CYNTEC-CYN-8Y-002 Datasheet
1Mb / 5P
SD10244XXX, PT RTD probe sensor
logo
Vaisala
HMP110 VAISALA-HMP110 Datasheet
208Kb / 3P
Humidity and Temperature Probe
HMP113 VAISALA-HMP113 Datasheet
195Kb / 3P
Humidity and Temperature Probe
HMP5 VAISALA-HMP5 Datasheet
297Kb / 3P
Relative Humidity and Temperature Probe
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
Humidity and Temperature Probe
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
Relative Humidity and Temperature Probe
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
Relative Humidity and Temperature Probe
HMP9 VAISALA-HMP9 Datasheet
599Kb / 3P
Compact Humidity and Temperature Probe
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com