Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2281 Datasheet (PDF) - Hamamatsu Corporation

S2281 Datasheet PDF - Hamamatsu Corporation
Part # S2281
Download  S2281 Download
File Size   110.02 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Si photodiode with BNC connector

S2281 Datasheet (PDF)

Go To PDF Page Download Datasheet
S2281 Datasheet PDF - Hamamatsu Corporation

Part # S2281
Download  S2281 Click to download

File Size   110.02 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Si photodiode with BNC connector

S2281 Datasheet (HTML) - Hamamatsu Corporation


S2281 Product details

Current-to-voltage conversion amplifier for amplifying weak photocurrent with low noise



C2719 is a current-to-voltage conversion amplifier used to amplify weak photocurrent from a photodiode with very low noise. Three ranges of photocurrent detection sensitivity level (H, M, L) are selectable to match the input signal. A 10-turn potentiometer is used to zero the amplifier level so fine adjustments are possible with high resolution.

C2719 operates on the built-in dry batteries so it can be easily used anywhere. An external power input connector is also provided at the rear panel for a long, continuous operation or for use as part of a measurement system. In such applications, use the dedicated plug to connect to a stabilized DC power supply.

C2719 was developed specifically for use with Si photodiodes, but it can be used to detect photocurrent from phototubes.



Features

• Three sensitivity ranges

   H: 109 V/A

   M: 107 V/A

   L : 105 V/A

• Zero adjustment with high resolution

• Operates on either dry batteries or external power supply

• Compact and lightweight



Applications

• Precision photometry

• Laser monitors

• Optical power meters

• Colorimeters

• Low signal current preamplifiers



 




Similar Part No. - S2281

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2281 HAMAMATSU-S2281_15 Datasheet
208Kb / 3P
Si photodiodes
More results


Similar Description - S2281

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S1087 HAMAMATSU-S1087 Datasheet
152Kb / 4P
Si photodiode
logo
List of Unclassifed Man...
KPD701H ETC-KPD701H Datasheet
139Kb / 2P
Si Photodiode
logo
Hamamatsu Corporation
S7998 HAMAMATSU-S7998 Datasheet
151Kb / 3P
Si photodiode with preamp
logo
Roithner LaserTechnik G...
IQ80XL ROITHNER-IQ80XL Datasheet
177Kb / 2P
Si Photodiode
logo
Hamamatsu Corporation
S9032-02 HAMAMATSU-S9032-02_15 Datasheet
474Kb / 4P
Si photodiode
S9269 HAMAMATSU-S9269_15 Datasheet
399Kb / 4P
Si photodiode with preamp
S8265 HAMAMATSU-S8265_15 Datasheet
91Kb / 3P
Si photodiode
S7686 HAMAMATSU-S7686_15 Datasheet
191Kb / 4P
Si photodiode
S10043 HAMAMATSU-S10043_15 Datasheet
175Kb / 3P
Si photodiode
S9674 HAMAMATSU-S9674_15 Datasheet
227Kb / 5P
Si photodiode
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com