Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3270 Datasheet (PDF) - Hamamatsu Corporation

S3270 Datasheet PDF - Hamamatsu Corporation
Part # S3270
Download  S3270 Download
File Size   332.95 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description One-dimensional PSD 3 to 37 mm resistance length PSD for precision distance measurement

S3270 Datasheet (PDF)

Go To PDF Page Download Datasheet
S3270 Datasheet PDF - Hamamatsu Corporation

Part # S3270
Download  S3270 Click to download

File Size   332.95 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description One-dimensional PSD 3 to 37 mm resistance length PSD for precision distance measurement

S3270 Datasheet (HTML) - Hamamatsu Corporation


S3270 Product details

Hamamatsu provides various types of one-dimensional PSD (Position Sensitive Detector) designed for precision distance measurement such as displacement meters. S3979 has a 1 × 3 mm active area sealed in a TO-5 package. S3931 and S3932 have an active area of 1 × 6 mm and 1 × 12 mm respectively, and are mounted on a compact ceramic package with a transparent resin window. Variant types (S3931-01, S3932-01) with a visible-cut resin window are also available. S1352 and S3270 offer an active area longer than 30 mm, allowing position detection at a long distance.

S3270 has a visible-cut resin window, and S3270-01 with a transparent resin window is also available.



Features

• Superior position detection ability

• High reliability

• S3931, S3932: Easy to use 4-pin small ceramic package

• Long and narrow active area

   S1352: 2.5 × 34 mm

   S3270: 1 × 37 mm



Applications

• Displacement sensing

• Distance measurement

• Proximity switching



 




Similar Part No. - S3270

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3270 ETC-S3270 Datasheet
1Mb / 16P
POSITION SENSITIVE DETECTOR
More results


Similar Description - S3270

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52959FP MITSUBISHI-M52959FP Datasheet
64Kb / 8P
PSD ON CHIP DISTANCE DETECTION SIGNAL PROCESSOR
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
PSD signal processing circuit
S1880 HAMAMATSU-S1880 Datasheet
136Kb / 4P
Two-dimensional PSD Non-discrete position sensor utilizing photodiode surface resistance
S5990-01 HAMAMATSU-S5990-01 Datasheet
143Kb / 2P
Two-dimensional PSD Improved tetra-lateral type for surface mounting
S8543 HAMAMATSU-S8543 Datasheet
123Kb / 2P
One-dimensional PSD Long, narrow active area and surface mountable package
S8673 HAMAMATSU-S8673 Datasheet
125Kb / 2P
One-dimensional PSD using SIP (Single Inline Package)
C10443 HAMAMATSU-C10443_15 Datasheet
308Kb / 5P
PSD modules
C9068 HAMAMATSU-C9068_15 Datasheet
140Kb / 3P
PSD signal processing circuit
S3931 HAMAMATSU-S3931_15 Datasheet
132Kb / 4P
6 to 37 mm resistance length PSD for precision distance measurement
C10460 HAMAMATSU-C10460_15 Datasheet
360Kb / 4P
Signal processing unit for PSD module
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com