Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

830205075709 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

830205075709 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 830205075709
Download  830205075709 Download
File Size   558.33 Kbytes
Page   2 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Crystal Clock Oscillator Specification

830205075709 Datasheet (PDF)

Go To PDF Page Download Datasheet
830205075709 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 830205075709
Download  830205075709 Click to download

File Size   558.33 Kbytes
Page   2 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Crystal Clock Oscillator Specification

830205075709 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


830205075709 Product details

Description
Surface mount 3.2 x 2.5mm crystal oscillator in a hermetically
sealed ceramic package with a seam sealed metal lid.
Model CFPS-39
Model Issue number 5
Frequency Parameters
Frequency 40.0MHz
Frequency Stability ±25.00ppm
Operating Temperature Range -40.00 to 85.00°C
Ageing ±3ppm max per year @ 25°C
Electrical Parameters
Supply Voltage 3.3V ±10%
Current Draw 20.000mA
Output Details
Output Compatibility CMOS
Drive Capability 15pF max
Rise and Fall Time 5.0ns max
Duty Cycle 45/55%
Output Control
Standby Operation:
Logic ‘1’ (>70% VS) to pad 1 enables oscillator output
Logic ‘0’ (<30% VS) to pad 1 disables oscillator output; when
disabled the oscillator output goes to the high impedance state
No connection to pad 1 enables oscillator output
Standby Current: 10μA max
Start-Up Time: 10ms max
Environmental Parameters
Storage Temperature Range: –55 to 125°C
Shock: MIL-STD-202F, Method 213B: 1000G, 0.5ms, 1/2 sine
wave
Vibration: MIL-STD-202F, Method 204D, Test Condition D:
20G (10Hz-2000Hz), 4hrs in 3 mutually perpendicular planes
(total 12hrs)
Manufacturing Details
Maximum Process Temperature: 260°C (10secs max)
RoHS Terminations NiAu
RoHS Reflow Temp 260degC 10s
Compliance
RoHS Status (2011/65/EU) Compliant
REACh Status Compliant
MSL Rating (JDEC-STD-033): Not Applicable
Packaging Details
Pack Style: RL3K Tape & reel in accordance with EIA-481-D
Pack Size: 3,000




Similar Part No. - 830205075709

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
830205028309 WURTH-830205028309 Datasheet
1Mb / 2P
Crystal Clock Oscillator Specification
V1.0025
More results


Similar Description - 830205075709

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPS-40-AUTO IQD-CFPS-40-AUTO Datasheet
233Kb / 2P
Crystal Clock Oscillator Specification
CFPS-54-AUTO IQD-CFPS-54-AUTO Datasheet
191Kb / 2P
Crystal Clock Oscillator Specification
CFPS-64 IQD-CFPS-64 Datasheet
811Kb / 2P
Crystal Clock Oscillator Specification
CFPS-67 IQD-CFPS-67 Datasheet
407Kb / 2P
Crystal Clock Oscillator Specification
CFPS-72 IQD-CFPS-72 Datasheet
751Kb / 2P
Crystal Clock Oscillator Specification
CFPS-104 IQD-CFPS-104 Datasheet
342Kb / 2P
Crystal Clock Oscillator Specification
CFPS-108 IQD-CFPS-108 Datasheet
272Kb / 2P
Crystal Clock Oscillator Specification
CFPS-113 IQD-CFPS-113 Datasheet
279Kb / 2P
Crystal Clock Oscillator Specification
CFPS-114 IQD-CFPS-114 Datasheet
281Kb / 2P
Crystal Clock Oscillator Specification
CXO-3.3V IQD-CXO-3.3V Datasheet
187Kb / 3P
Crystal Clock Oscillator Specification
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com