Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1039053 Datasheet (PDF) - Theben AG

1039053 Datasheet PDF - Theben AG
Part # 1039053
Download  1039053 Download
File Size   892.15 Kbytes
Page   3 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description KNX Presence and motion detectors

1039053 Datasheet (PDF)

Go To PDF Page Download Datasheet
1039053 Datasheet PDF - Theben AG

Part # 1039053
Download  1039053 Click to download

File Size   892.15 Kbytes
Page   3 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description KNX Presence and motion detectors

1039053 Datasheet (HTML) - Theben AG


1039053 Product details

Description
- Presence detector (PIR) for ceiling installation in suspended ceilings indoor
- Round detection area 360° , Ø 12 m (113 m²) at 3 m mounting height
- For KNX bus system, 2 channels light and 2 channels presence for HVAC control
- 2 channels light with 1 light measurement
- Automatic lighting control with constant light control or switching mode
- Dimmable lighting in switching mode with and without daylight influence
- Integrated temperature sensor
- Day / night switching via telegram
- Stand-by functionality (orientation light)
- 3 logic channels (AND/OR/XOR)
- KNX Data-Secure
- Operation as fully or semi-automatic possible
- Manual override possible via external KNX push-buttons
- One directional brightness measurement (mixed light measurement)
- Simple adjustment of the brightness measurement
- Short-term presence
- Selectable control speed
- Teach-in function
- Scene functionality
- Locking functions
- Switch-on delay and presence follow-up time adjustable
- Extension of the detection area through parallel connection
- Detection sensitivity can be changed for outdoor use
- Test mode for checking function and detection area
- Setting via ETS software (full range of functions)
- Setting via remote control/APP or APP (BLE)




Similar Part No. - 1039053

ManufacturerPart #DatasheetDescription
logo
Lapp.
10390500 LAPP-10390500 Datasheet
124Kb / 2P
EPIC® MCS 2 SS / MCS 2 BS PROFIBUS DP
17.09.2018
logo
Weidmuller
1039050000 WEIDMULLER-1039050000 Datasheet
340Kb / 4P
SCDN-THR 3.81/22/90G 3.2SN BK BX
logo
Theben AG
1039052 THEBEN-1039052 Datasheet
1Mb / 3P
Presence and motion detectors Ceiling installation outdoor
13/03/2025
More results


Similar Description - 1039053

ManufacturerPart #DatasheetDescription
logo
Epson Company
M-G350-PD11 EPSON-M-G350-PD11 Datasheet
1Mb / 4P
Motion analysis and control
logo
List of Unclassifed Man...
302 ETC2-302 Datasheet
98Kb / 1P
Indicates Phase Presence
logo
Mean Well Enterprises C...
KAA-8R MEANWELL-KAA-8R Datasheet
177Kb / 7P
KNX Universal Actuator
KSC MEANWELL-KSC Datasheet
117Kb / 3P
KNX LINE Coupler
KSR MEANWELL-KSR Datasheet
104Kb / 3P
KNX IP Router
logo
NXP Semiconductors
AN11231 NXP-AN11231 Datasheet
604Kb / 18P
KNX evaluation board using LPC1227 and NCN5120
Rev. 1-1 July 2012
logo
Ultralife Corporation.
BA-5372 ULTRALIFE-BA-5372 Datasheet
264Kb / 2P
Military Communications, detectors and imaging
08 OCT 20 Rev: M
logo
STMicroelectronics
STHS34PF80 STMICROELECTRONICS-STHS34PF80 Datasheet
1Mb / 13P
Low-power, high-sensitivity infrared sensor for presence and motion detection
21-Dec-2021
logo
Mean Well Enterprises C...
DLC-02-KN MEANWELL-DLC-02-KN Datasheet
992Kb / 7P
KNX-DALI Gateway
2022-11-04
KAA-8R-S MEANWELL-KAA-8R-S Datasheet
764Kb / 8P
KNX Universal Actuator
2022-07-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com