Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR313 Datasheet (PDF) - Everlight Electronics Co., Ltd

IR313 Datasheet PDF - Everlight Electronics Co., Ltd
Part # IR313
Download  IR313 Download
File Size   155.23 Kbytes
Page   7 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description Technical Data Sheet 4.7mm Round Non-flange Infrared LED

IR313 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR313 Datasheet PDF - Everlight Electronics Co., Ltd

Part # IR313
Download  IR313 Click to download

File Size   155.23 Kbytes
Page   7 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description Technical Data Sheet 4.7mm Round Non-flange Infrared LED

IR313 Datasheet (HTML) - Everlight Electronics Co., Ltd


IR313 Product details

Descriptions
• EVERLIGHT’S Infrared Emitting Diode(IR313) is a high intensity diode , molded in a blue transparent plastic package.
• The device is spectrally matched with phototransistor , photodiode and infrared receiver module.

Features
• High reliability
• High radiant intensity
• Peak wavelength λ p=940nm
• 2.54mm Lead spacing
• Low forward voltage
• Pb free
• The product itself will remain within RoHS compliant version.

Applications
• Free air transmission system
• Infrared remote control units with high power requirement
• Smoke detector
• Infrared applied system




Similar Part No. - IR313

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3101 IRF-IR3101 Datasheet
268Kb / 10P
Half-Bridge FredFet and Integrated Driver
IR3103 IRF-IR3103 Datasheet
198Kb / 11P
Half-Bridge FredFET and Integrated Driver
logo
Fairchild Semiconductor
IR311 FAIRCHILD-IR311 Datasheet
25Kb / 1P
REFLECTIVE NON FOCUSING SENSOR PCB MOUNT
More results


Similar Description - IR313

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-304BC2L-B4-1G LUCKY-LIGHT-LL-304BC2L-B4-1G Datasheet
134Kb / 7P
3mm Round With Flange Type Blue LED Technical Data Sheet
LL-304BC2L-B4-2G LUCKY-LIGHT-LL-304BC2L-B4-2G Datasheet
135Kb / 7P
3mm Round With Flange Type Blue LED Technical Data Sheet
LL-304HD2J-H1 LUCKY-LIGHT-LL-304HD2J-H1 Datasheet
137Kb / 7P
3mm Round Without Flange Type Red LED Technical Data Sheet
LL-403AD2B-A1 LUCKY-LIGHT-LL-403AD2B-A1 Datasheet
138Kb / 7P
4mm Round With Flange Type Amber LED Technical Data Sheet
LL-403YD2B-2Y LUCKY-LIGHT-LL-403YD2B-2Y Datasheet
139Kb / 7P
4mm Round With Flange Type Yellow LED Technical Data Sheet
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1 Datasheet
137Kb / 7P
5mm Round With Flange Type Amber LED Technical Data Sheet
LL-304AD2J-A1 LUCKY-LIGHT-LL-304AD2J-A1 Datasheet
137Kb / 7P
3mm Round Without Flange Type Amber LED Technical Data Sheet
LL-804WC2C-W2-3SD LUCKY-LIGHT-LL-804WC2C-W2-3SD Datasheet
232Kb / 8P
8mm Round With Flange Type White LED Technical Data Sheet
LL-1004BD2D-B4-2G LUCKY-LIGHT-LL-1004BD2D-B4-2G Datasheet
136Kb / 7P
10mm Round With Flange Blue LED Technical Data Sheet
LL-1004BM2D-B4-2G LUCKY-LIGHT-LL-1004BM2D-B4-2G Datasheet
170Kb / 7P
10mm Round With Flange Type Blue LED Technical Data Sheet
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com