Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMG3100R044 Datasheet (PDF) - Texas Instruments

LMG3100R044 Datasheet PDF - Texas Instruments
Part # LMG3100R044
Download  LMG3100R044 Download
File Size   1632.77 Kbytes
Page   36 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LMG3100R017 (126A), LMG3100R044 (46A) 100V GaN FET With Integrated Driver

LMG3100R044 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMG3100R044 Datasheet PDF - Texas Instruments

Part # LMG3100R044
Download  LMG3100R044 Click to download

File Size   1632.77 Kbytes
Page   36 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LMG3100R017 (126A), LMG3100R044 (46A) 100V GaN FET With Integrated Driver

LMG3100R044 Datasheet (HTML) - Texas Instruments


LMG3100R044 Product details

1 Features
• Integrated 1.7mΩ (LMG3100R017) or 4.4 mΩ
(LMG3100R044) GaN FET and driver
• 100V continuous, 120V pulsed voltage rating
• Interated high-side level shift and bootstrap
• Two LMG3100 can form a half-bridge
– No external level shifter needed
• 5V external bias power supply
• Supports 3.3V and 5V input logic levels
• High slew rate switching with low ringing
• Gate driver capable of up to 10MHz switching
• Internal bootstrap supply voltage clamping to
prevent GaN FET overdrive
• Supply rail undervoltage lockout protection
• Low power consumption
• Package optimized for easy PCB layout
• Exposed top QFN package for top-side cooling
• Large exposed pads at bottom for bottom-side
cooling

2 Applications
• Buck, boost, and buck-boost converters
• LLC converters
• Solar inverters
• Telecom and server power
• Motor drives
• Power tools
• Class-D audio amplifiers

3 Description
The LMG3100 device is a 100V continuous, 120V
pulsed Gallium Nitride (GaN) FET with integrated
driver. Device is offered in two Rds(on) and max
current variants, 126A/1.7mΩ for LMG3100R017 and
46A/4.4mΩ for LMG3100R044. The device consists
of a 100V GaN FET driven by a high-frequency
GaN FET driver. The LMG3100 incorporates a high
side level shifter and bootstrap circuit, so that two
LMG3100 devices can be used to form a half bridge
without an additional level shifter.
GaN FETs provide significant advantages for power
conversion as they have zero reverse recovery
and very small input capacitance CISS and output
capacitance COSS. The driver and the GaN FET are
mounted on a completely bond-wire free package
platform with minimized package parasitic elements.
The LMG3100 device is available in a 6.5mm ×
4mm × 0.89mm lead-free package and can be easily
mounted on PCBs.
The TTL logic compatible inputs can support 3.3V
and 5V logic levels regardless of the VCC voltage.
The proprietary bootstrap voltage clamping technique
ensures the gate voltages of the enhancement mode
GaN FETs are within a safe operating range.
The device extends advantages of discrete GaN
FETs by offering a more user-friendly interface. It
is an ideal solution for applications requiring highfrequency,
high-efficiency operation in a small form
factor.




Similar Part No. - LMG3100R044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG3100R044 TI-LMG3100R044 Datasheet
1Mb / 30P
LMG3100R017 (126A), LMG3100R044 (46A) 100V GaN FET With Integrated Driver
NOVEMBER 2024
LMG3100R044VBER TI-LMG3100R044VBER Datasheet
1Mb / 30P
LMG3100R017 (126A), LMG3100R044 (46A) 100V GaN FET With Integrated Driver
NOVEMBER 2024
More results


Similar Description - LMG3100R044

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
P126FP10SN SHINDENGEN-P126FP10SN Datasheet
1Mb / 7P
Power MOSFETs 100V, 126A, N-channel
logo
Texas Instruments
LMG3522R030 TI-LMG3522R030 Datasheet
2Mb / 39P
LMG3522R030 650-V 30-mΩ GaN FET With Integrated Driver, Protection, and Temperature Reporting
NOVEMBER 2022
LMG3526R030 TI-LMG3526R030 Datasheet
3Mb / 51P
LMG3526R030 650-V 30-mΩ GaN FET With Integrated Driver, Protection, and Temperature Reporting
MARCH 2023
logo
Renesas Technology Corp
ISL73033SLHM RENESAS-ISL73033SLHM Datasheet
477Kb / 15P
Radiation Hardened Driver-GaN Power Stage with 100V GaN FET
Jul 30, 2021
logo
Texas Instruments
LMG3526R030 TI-LMG3526R030_V01 Datasheet
2Mb / 48P
LMG3526R030 650-V 30-mΩ GaN FET With Integrated Driver, Protection, and Temperature Reporting
REVISED APRIL 2023
LMG3626 TI-LMG3626 Datasheet
1Mb / 30P
LMG3626 650-V 270-mΩ GaN FET With Integrated Driver and Current-Sense Emulation
SEPTEMBER 2023
logo
UN Semiconducctor INC
UNG6505N170-PD68 UNSEMI-UNG6505N170-PD68 Datasheet
4Mb / 12P
GaN HEMT integrated Gate Driver
Revision March 1,2022
logo
Texas Instruments
LMG3612 TI1-LMG3612 Datasheet
1Mb / 25P
LMG3612 650-V 120-mΩ GaN FET With Integrated Driver
NOVEMBER 2023
LMG3616 TI1-LMG3616 Datasheet
1Mb / 25P
LMG3616 650-V 270-mΩ GaN FET With Integrated Driver
NOVEMBER 2023
logo
Analog Devices
LT8418 AD-LT8418 Datasheet
686Kb / 19P
100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
Rev 0
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com