Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA296A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
INA296A Datasheet PDF - Texas Instruments
Part # INA296A
Download  INA296A Download
File Size   2946.15 Kbytes
Page   47 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INA296x-Q1 AEC-Q100, –5V to 110V, Bidirectional, 1.1MHz, 8V/μs, Ultra-Precise Current Sense Amplifier

INA296A Datasheet (PDF)

Go To PDF Page Download Datasheet
INA296A Datasheet PDF - Texas Instruments

Part # INA296A
Download  INA296A Click to download

File Size   2946.15 Kbytes
Page   47 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INA296x-Q1 AEC-Q100, –5V to 110V, Bidirectional, 1.1MHz, 8V/μs, Ultra-Precise Current Sense Amplifier

INA296A Datasheet (HTML) - Texas Instruments


INA296A Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: −40°C to 125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Wide common-mode voltage:
– Operational voltage: −5V to 110V
– Survival voltage: −20V to 120V
• Bidirectional operation
• High small signal bandwidth: 1.1MHz (at all gains)
• Slew rate: 8V/μs
• Step response settling time to 1%: 1μs
• Excellent CMRR: 166dB
• Accuracy:
– Gain error (maximum)
• Version A: ±0.01%, ±1ppm/°C drift
• Version B: ±0.1%, ±5ppm/°C drift
– Offset voltage (maximum)
• Version A: ±10μV, ±0.1μV/°C drift
• Version B: ±150μV, ±0.5μV/°C drift
• Available gains:
– INA296A1-Q1 : 10V/V
– INA296A2-Q1 : 20V/V
– INA296A3-Q1 : 50V/V
– INA296A4-Q1 : 100V/V
– INA296A5-Q1 : 200V/V
• Package options: SOT23-8, VSSOP-8, SOIC-8,
VSSOP-10

2 Applications
• DC/DC converter
• Battery management systems (BMS)
• Fuel cell control unit
• Smart junction box

3 Description
The INA296x-Q1 is an ultra-precise, bidirectional
current sense amplifier that can measure voltage
drops across shunt resistors over a wide commonmode
range from –5V to 110V, independent of
the supply voltage. The high-precision current
measurement is achieved through a combination of
low offset voltage (±10μV, maximum), small gain error
(±0.01%, maximum) and a high DC CMRR (typical
166dB). The INA296x-Q1 is not only designed for high
voltage, bidirectional DC current measurements, but
also for high-speed applications (such as transient
detection and fast overcurrent protection) with a high
signal bandwidth of 1.1MHz and fast settling time.
The INA296x-Q1 operates from a single 2.7V to
20V supply, drawing 2.5mA of supply current. The
INA296x-Q1 is available in five gain options: 10V/V,
20V/V, 50V/V, 100V/V, and 200V/V. Multiple gain
options allow for optimization between available
shunt resistor values and wide output dynamic range
requirements.
The INA296x-Q1 is specified over operating
temperature range of −40°C to 125°C.




Similar Part No. - INA296A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA296A TI-INA296A Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA296A TI-INA296A Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A TI-INA296A Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
More results


Similar Description - INA296A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA293-Q1 TI-INA293-Q1_V01 Datasheet
1Mb / 27P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA293-Q1 TI-INA293-Q1_V02 Datasheet
1Mb / 29P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA190-Q1 TI-INA190-Q1_V01 Datasheet
2Mb / 39P
INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA296A TI-INA296A_V02 Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA296A-Q1 TI-INA296A-Q1 Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A-Q1 TI-INA296A-Q1_V01 Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A-Q1 TI-INA296A-Q1_V02 Datasheet
2Mb / 38P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A TI1-INA296A_V03 Datasheet
2Mb / 38P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED JULY 2023
INA296A-Q1 TI-INA296A-Q1_V03 Datasheet
2Mb / 39P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2023
INA296A TI-INA296A_V04 Datasheet
2Mb / 43P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com