Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SYZ6070 Datasheet (PDF) - Solid State Inc

SYZ6070 Datasheet PDF - Solid State Inc
Part # SYZ6070
Download  SYZ6070 Download
File Size   244.42 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low Input Control Current (5mA MAX)

SYZ6070 Datasheet (PDF)

Go To PDF Page Download Datasheet
SYZ6070 Datasheet PDF - Solid State Inc

Part # SYZ6070
Download  SYZ6070 Click to download

File Size   244.42 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low Input Control Current (5mA MAX)

SYZ6070 Datasheet (HTML) - Solid State Inc


SYZ6070 Product details

Features
 Low Input Control Current (5mA MAX)
 High Blocking Voltage (700V)
 400mA Maximum Continuous Current
 High Isolation Voltage (up to 5kVRMS)
 High Transient Immunity (dV/dt = 400V/S MIN)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Home Appliances
 Motor / Drive Controls
 Solid State Relays
 Solenoid / Valve Controls
 Temperature Controls
 Dimmer Controls




Similar Part No. - SYZ6070

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SYZ6070 SSOUSA-SYZ6070 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
More results


Similar Description - SYZ6070

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
Low Input Control Current (2.5mA TYP)
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
Low Input Control Current (1.5mA TYP)
SMA4217 SSOUSA-SMA4217 Datasheet
313Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6040 SSOUSA-SYZ6040 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6060 SSOUSA-SYZ6060 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6070 SSOUSA-SYZ6070 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6080 SSOUSA-SYZ6080 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
TD3083 SSOUSA-TD3083 Datasheet
441Kb / 9P
Trigger Current (5mA MAX)
SP946-X SSOUSA-SP946-X Datasheet
197Kb / 6P
Low Input Control Current
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com