Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC11-EP Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN74AC11-EP Datasheet PDF - Texas Instruments
Part # SN74AC11-EP
Download  SN74AC11-EP Download
File Size   1696.66 Kbytes
Page   26 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74AC11-Q1 Automotive Triple 3-Input Positive-AND Gate

SN74AC11-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AC11-EP Datasheet PDF - Texas Instruments

Part # SN74AC11-EP
Download  SN74AC11-EP Click to download

File Size   1696.66 Kbytes
Page   26 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74AC11-Q1 Automotive Triple 3-Input Positive-AND Gate

SN74AC11-EP Datasheet (HTML) - Texas Instruments


SN74AC11-EP Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Wide operating range of 1.5V to 6V
• Inputs accept voltages up to 6V
• Continuous 24mA output drive at 5V
• Supports up to 75mA output drive at 5V
in short bursts
• Drives 50Ω transmission lines
• Maximum tpd of 7.5ns at 5V, 50pF load

2 Description
The SN74AC11-Q1 device contains three
independent 3-input AND gates. This device performs
the Boolean function Y = A • B • C or Y = A + B + C in
positive logic




Similar Part No. - SN74AC11-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC11-EP TI1-SN74AC11-EP Datasheet
494Kb / 10P
TRIPLE 3-INPUT POSITIVE-AND GATE
SN74AC11-EP TI1-SN74AC11-EP Datasheet
1Mb / 19P
TRIPLE 3-INPUT POSITIVE-AND GATES
SN74AC11-EP TI1-SN74AC11-EP Datasheet
2Mb / 38P
SNx4AC11 Triple 3-Input Positive-and Gates
FEBRUARY 2025
SN74AC11-EP TI2-SN74AC11-EP Datasheet
328Kb / 12P
TRIPLE 3-INPUT POSITIVE-AND GATE
JANUARY 2004
SN74AC11-EP TI2-SN74AC11-EP Datasheet
2Mb / 38P
SNx4AC11 Triple 3-Input Positive-and Gates
REVISED FEBRUARY 2025
More results


Similar Description - SN74AC11-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV27A TI-SN54LV27A_08 Datasheet
504Kb / 15P
TRIPLE 3-INPUT POSITIVE-NOR GATE
SN74AC11-EP TI1-SN74AC11-EP Datasheet
494Kb / 10P
TRIPLE 3-INPUT POSITIVE-AND GATE
SN74LV11A-Q1 TI1-SN74LV11A-Q1 Datasheet
225Kb / 10P
TRIPLE 3-INPUT POSITIVE-AND GATE
SN74AC11-Q1 TI1-SN74AC11-Q1 Datasheet
232Kb / 10P
TRIPLE 3-INPUT POSITIVE-AND GATE
SN74AHC08Q-Q1 TI-SN74AHC08Q-Q1_V01 Datasheet
1Mb / 21P
SN74AHC08Q-Q1 Automotive Quadruple 2-Input Positive-and Gate
REVISED JUNE 2023
SN74LVC11A-Q1 TI1-SN74LVC11A-Q1 Datasheet
892Kb / 20P
SN74LVC11A-Q1 Automotive Triple 3-Input AND Gates
AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com