Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBP-900CMW Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SBP-900CMW Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SBP-900CMW
Download  SBP-900CMW Download
File Size   1979.83 Kbytes
Page   6 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 2MP AI IR Dome Camera

SBP-900CMW Datasheet (PDF)

Go To PDF Page Download Datasheet
SBP-900CMW Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBP-900CMW
Download  SBP-900CMW Click to download

File Size   1979.83 Kbytes
Page   6 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 2MP AI IR Dome Camera

SBP-900CMW Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SBP-900CMW Product details

• 2MP resolution
• 2.8~12mm (4.3x) motorized varifocal
• Color: 0.01 Lux (F1.4, 1/30sec, 30IRE), 0 Lux (IR LED on)
• Maximum 120fps (H.265/H.264)
• WiseIR: IR viewable length 50 m (164.04ft)
• Day & Night (ICR), extremeWDR (150 dB)
• Hard-coated dome bubble
• WiseNRⅡ (Based on AI engine), WiseStreamⅢ (Based on AI engine)
• Analytics events based on AI engine (NPU) : Object detection (Person/Face/Vehicle
car, truck, bus, bicycle, motorcycle/License plate),
IVA (Virtual line/Area, Enter/Exit, Loitering, Direction, Intrusion)
• Analytics events : Defocus detection, Motion detection, Tampering, Fog detection
Audio detection, Sound classification, Shock detection, Appear/Disappear
• IP52, IK10




Similar Part No. - SBP-900CMW

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SBP-900CMW HANWHAVISION-SBP-900CMW Datasheet
213Kb / 2P
Ceiling Mount
SBP-900CMW HANWHAVISION-SBP-900CMW Datasheet
1Mb / 5P
6MP AI IR Dome Camera
SBP-900CMW HANWHAVISION-SBP-900CMW Datasheet
1Mb / 5P
6MP AI IR Dome Camera
SBP-900CMW HANWHAVISION-SBP-900CMW Datasheet
1Mb / 5P
4K AI IR Dome Camera
SBP-900CMW HANWHAVISION-SBP-900CMW Datasheet
1Mb / 5P
2MP AI IR Dome Camera
Ver 202405
More results


Similar Description - SBP-900CMW

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3053 LVL1-FCS-3053 Datasheet
683Kb / 4P
Fixed Dome Network Camera
FCS-3054 LVL1-FCS-3054 Datasheet
567Kb / 4P
Fixed Dome Network Camera
FCS-3072 LVL1-FCS-3072 Datasheet
580Kb / 4P
Fixed Dome Network Camera
FCS-3082 LVL1-FCS-3082 Datasheet
898Kb / 5P
Fixed Dome Network Camera
FCS-3083 LVL1-FCS-3083 Datasheet
1Mb / 5P
Fixed Dome Network Camera
FCS-3102 LVL1-FCS-3102 Datasheet
147Kb / 4P
Fixed Dome Network Camera
FCS-4302 LVL1-FCS-4302 Datasheet
396Kb / 4P
PTZ Dome Network Camera
logo
List of Unclassifed Man...
IPC-D112-PF28 ETC1-IPC-D112-PF28 Datasheet
563Kb / 3P
2MP Vandal-resistant Network IR Fixed Dome Camera
logo
Honeywell Solid State E...
H4W2PER2V HONEYWELL-H4W2PER2V Datasheet
562Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
H4W2PER3V HONEYWELL-H4W2PER3V Datasheet
561Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com