Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS547A Datasheet (PDF) - Campbell Scientific United Kingdom

CS547A Datasheet PDF - Campbell Scientific United Kingdom
Part # CS547A
Download  CS547A Download
File Size   98.28 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description For measurement of electrical conductivity, dissolved solids and temperature in fresh water

CS547A Datasheet (PDF)

Go To PDF Page Download Datasheet
CS547A Datasheet PDF - Campbell Scientific United Kingdom

Part # CS547A
Download  CS547A Click to download

File Size   98.28 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description For measurement of electrical conductivity, dissolved solids and temperature in fresh water

CS547A Datasheet (HTML) - Campbell Scientific United Kingdom


CS547A Product details

Key Features
On-line calculation of electrical conductivity
Direct connection to datalogger
Cable length up to 300m
Can be used with multiplexers

Typical Applications
Water quality monitoring
Calculation of stream discharge rate
Tracking of water-borne pollutants in aquifers

Description
The Campbell Scientific CS547A probe with the A547 Interface measures the electrical conductivity (EC) and temperature of water. EC is measured by three passivated cylindrical electrodes isolated from DC with capacitors. Temperature sensed with a thermistor.
The CS547A is easy to clean and resistant to corrosion. It has rounded ends to facilitate installation and removal.
Dissolved solids can be estimated from conductivity measurements using empirical conversion factors. For ground water applications, an optional weight and a split mesh cable grip are recommended for cables over 30m.
For correct operation there must be a flow of water through the sensor body.
The A547 Interface contains the required completion resistors and blocking capacitors – the probe can be used with a AM16/32B multiplexer and one A547.




Similar Part No. - CS547A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5471 CIRRUS-CS5471 Datasheet
356Kb / 14P
DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5471-BS CIRRUS-CS5471-BS Datasheet
356Kb / 14P
DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
More results


Similar Description - CS547A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9500A SCHNEIDER-9500A Datasheet
115Kb / 2P
Reliable flanged magnetic flow tube for water and wastewater measurement
Apr 25, 2022
logo
Greystone Energy System...
WLD2C GREYSTONE-WLD2C Datasheet
1Mb / 2P
WATER DETECTOR, DUAL CHANNEL, CONDUCTIVITY CABLE
WLDC GREYSTONE-WLDC Datasheet
1Mb / 2P
WATER DETECTOR, CONDUCTIVITY CABLE
logo
Endress+Hauser Group Se...
CPF201 EH-CPF201 Datasheet
1Mb / 8P
Compact electrode for pH measurement in pure and ultrapure water
06.03
CLD132 EH-CLD132 Datasheet
910Kb / 20P
Measuring system with inductive sensor for conductivity and concentration measurement in the food industry
CLD18 EH-CLD18 Datasheet
818Kb / 16P
Compact inductive conductivity measurement for the food and beverage industry
2021-06-30
CLM223 EH-CLM223 Datasheet
869Kb / 20P
Conductivity/resistivity measurement
CLS12 EH-CLS12 Datasheet
826Kb / 8P
Conductivity sensor for high-temperature applications
2021-10-31
CLS52 EH-CLS52 Datasheet
618Kb / 16P
Inductive conductivity sensor with fast temperature measurement and hygienic design
CLY421 EH-CLY421 Datasheet
845Kb / 12P
Conductivity calibration kit for ultrapure water applications
2022-09-29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com