Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RANGEVUE15/30 Datasheet (PDF) - Campbell Scientific United Kingdom

RANGEVUE15/30 Datasheet PDF - Campbell Scientific United Kingdom
Part # RANGEVUE15/30
Download  RANGEVUE15/30 Download
File Size   7005.5 Kbytes
Page   1 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description 80 GHz Radar Water-Level Sensors

RANGEVUE15/30 Datasheet (PDF)

Go To PDF Page Download Datasheet
RANGEVUE15/30 Datasheet PDF - Campbell Scientific United Kingdom

Part # RANGEVUE15/30
Download  RANGEVUE15/30 Click to download

File Size   7005.5 Kbytes
Page   1 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description 80 GHz Radar Water-Level Sensors

RANGEVUE15/30 Datasheet (HTML) - Campbell Scientific United Kingdom


RANGEVUE15/30 Product details

Benefits and Features
Plug-and-play: Seamlessly integrate the RangeVue 15/30 with the Aspen™10 IoT Edge Device for convenient deployment.
Low power draw: These radar sensors operate efficiently and can be placed anywhere, enabling versatile deployment for optimal monitoring solutions.
Resistance to environmental influences: Sensor performance is not affected by temperature, pressure, or vacuum. The RangeVue 15/30 are able to deliver correct, reliable readings under all environmental conditions.
Dead zone and submersion: These sensors enable reliable measurement right up to the sensor antenna itself.
Dirt and condensate: Sensors are immune to the effects of dirt and buildup and do not have to be cleaned.
Reliability and accuracy: These sensors are highly suited for remote applications where sensor performance is essential but regular maintenance intervals or site visits may be impractical or sporadic.




Similar Part No. - RANGEVUE15/30

ManufacturerPart #DatasheetDescription
logo
Clarke International
RANGER 7-260 CLARKE-RANGER 7-260 Datasheet
2Mb / 20P
OIL FREE AIR COMPRESSOR
GC08/24 -rev 3
RANGER 7-550 CLARKE-RANGER 7-550 Datasheet
2Mb / 20P
RANGER 7-260
GC08/24 - rev 3
RANGER 8/25 CLARKE-RANGER 8/25 Datasheet
4Mb / 20P
24L AIR COMPRESSOR
GC0324 - Rev 3
RANGER 8/50 CLARKE-RANGER 8/50 Datasheet
4Mb / 20P
50L AIR COMPRESSOR
GC0324 - ISS 5
More results


Similar Description - RANGEVUE15/30

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN1950 FREESCALE-AN1950 Datasheet
307Kb / 24P
Water Level Monitoring
logo
Fuji Electric
EDS7-65D FUJI-EDS7-65D Datasheet
167Kb / 4P
WATER LEVEL TRANSMITTER
logo
SICK AG
RAS407-2800100 SICK-RAS407-2800100 Datasheet
764Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2800101 SICK-RAS407-2800101 Datasheet
764Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2800200 SICK-RAS407-2800200 Datasheet
736Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2800201 SICK-RAS407-2800201 Datasheet
736Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2801001 SICK-RAS407-2801001 Datasheet
857Kb / 5P
RADAR SENSORS
2016-04-06
RAS407-2801100 SICK-RAS407-2801100 Datasheet
760Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2801101 SICK-RAS407-2801101 Datasheet
760Kb / 6P
RADAR SENSORS
2016-04-06
logo
Infineon Technologies A...
BGT24LTR22 INFINEON-BGT24LTR22 Datasheet
3Mb / 86P
24 GHz Radar
V 1.1 2022-02-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com