Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XNF-8010RVM Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

XNF-8010RVM Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # XNF-8010RVM
Download  XNF-8010RVM Download
File Size   1783.95 Kbytes
Page   4 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 6MP H.265 Fisheye Camera

XNF-8010RVM Datasheet (PDF)

Go To PDF Page Download Datasheet
XNF-8010RVM Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # XNF-8010RVM
Download  XNF-8010RVM Click to download

File Size   1783.95 Kbytes
Page   4 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 6MP H.265 Fisheye Camera

XNF-8010RVM Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


XNF-8010RVM Product details

• Max. 2048 x 2048 resolution
• H.265, H.264, MJPEG codec supported
• Fisheye, Single panorama, Double panorama, Quad view
• On board dewarping, Digital PTZ (8x), Bi-directional audio
• True WDR (120dB), WiseStreamⅡ support
• Video Analytics, Heatmap, People counting
• Queue management
• Motion deteciton, Handover, M12 (8010RVM), IP66/IK10
• Memory slot(Max. 512GB), IR viewable length 15m(49.21ft)




Similar Part No. - XNF-8010RVM

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
XNF-8010RV HANWHAVISION-XNF-8010RV Datasheet
1Mb / 4P
6MP H.265 Fisheye Camera
More results


Similar Description - XNF-8010RVM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1390AQ SONY-CXA1390AQ Datasheet
502Kb / 17P
S/H and AGC for CCD Camera
logo
NEC
UPD168112 NEC-UPD168112 Datasheet
155Kb / 28P
SERIAL CONTROL H-BRIDGE DRIVER FOR CAMERA LENS DRIVING
logo
TAI-SAW TECHNOLOGY CO.,...
TA1485A TAI-SAW-TA1485A Datasheet
214Kb / 6P
SAW Filter 265 MHz
logo
Level One
FCS-1158 LVL1-FCS-1158 Datasheet
249Kb / 4P
Varifocal IP Network Camera, 5-Megapixel, H.265, 802.3af PoE
logo
List of Unclassifed Man...
GM8135S ETC1-GM8135S Datasheet
472Kb / 2P
Economic H.264 IP Camera Application
logo
HiSilicon(Shanghai) Tec...
HI3536C HISILICON-HI3536C Datasheet
199Kb / 3P
H.265 CODEC Processor
logo
Advantech Co., Ltd.
VEGA-2000M ADVANTECH-VEGA-2000M Datasheet
611Kb / 1P
HD H.265/H.264 Video Capture & Encode Module
14-Mar-2019
VEGA-2000 ADVANTECH-VEGA-2000 Datasheet
1Mb / 1P
HD H.265/H.264 Video Capture & Encode Module
14-Mar-2019
VEGA-2002 ADVANTECH-VEGA-2002 Datasheet
701Kb / 3P
4K UHD H.265/H.264 Real-Time Encoder and Streaming Module
20-Dec-2022
VEGA-2002 ADVANTECH-VEGA-2002_V01 Datasheet
544Kb / 3P
4K UHD H.265/H.264 Real-Time Fanless Streaming Box
5-Jan-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com