Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4969224 Datasheet (PDF) - Theben AG

4969224 Datasheet PDF - Theben AG
Part # 4969224
Download  4969224 Download
File Size   543.54 Kbytes
Page   2 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description KNX Binary inputs

4969224 Datasheet (PDF)

Go To PDF Page Download Datasheet
4969224 Datasheet PDF - Theben AG

Part # 4969224
Download  4969224 Click to download

File Size   543.54 Kbytes
Page   2 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description KNX Binary inputs

4969224 Datasheet (HTML) - Theben AG


4969224 Product details

Description
- Binary input/binary output sensor interfaces
- 4-way key interface
- 6-pole cable connection
- Free allocation of functions: Switch/key, dimming, blinds, valuator, sequences, measuring temperature, controlling LED
- 2 NTC inputs for detection of the actual temperature from -5 °C to +100 °C
- Can be installed in flush-mounted sockets with conventional sensors/switches
- Flexible LED controlling, thanks to increased output current of 3 mA commercially available LEDs and low curent LEDs can be controlled
- Inputs can be reconfigured to outputs with parameterizable flashing and pulsing function
- Colour coding of wiring pairs




Similar Part No. - 4969224

ManufacturerPart #DatasheetDescription
logo
Theben AG
4969222 THEBEN-4969222 Datasheet
282Kb / 2P
KNX Binary inputs
22/11/2024
4969226 THEBEN-4969226 Datasheet
549Kb / 2P
KNX Binary inputs
22/11/2024
4969228 THEBEN-4969228 Datasheet
553Kb / 2P
KNX Binary inputs
22/11/2024
More results


Similar Description - 4969224

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
KDA-64 MEANWELL-KDA-64 Datasheet
614Kb / 1P
KNX to DALI Gateway
KSI-01U MEANWELL-KSI-01U Datasheet
101Kb / 3P
KNX-USB Interface
KSR-01IP MEANWELL-KSR-01IP Datasheet
102Kb / 3P
KNX IP Router
KAA-8R MEANWELL-KAA-8R Datasheet
177Kb / 7P
KNX Universal Actuator
KAA-4R4V MEANWELL-KAA-4R4V Datasheet
181Kb / 9P
KNX LED actuator / dimmer
KSC MEANWELL-KSC Datasheet
117Kb / 3P
KNX LINE Coupler
KSR MEANWELL-KSR Datasheet
104Kb / 3P
KNX IP Router
logo
WAGO Kontakttechnik Gmb...
750-889 WAGO-750-889 Datasheet
715Kb / 17P
Controller KNX IP
logo
Mean Well Enterprises C...
DLC-02-KN MEANWELL-DLC-02-KN Datasheet
992Kb / 7P
KNX-DALI Gateway
2022-11-04
KAA-8R-S MEANWELL-KAA-8R-S Datasheet
764Kb / 8P
KNX Universal Actuator
2022-07-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com