Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

270K Datasheet (PDF) - TYEE Products Inc

270K Datasheet PDF - TYEE Products Inc
Part # 270K
Download  270K Download
File Size   373.75 Kbytes
Page   15 Pages
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc
Description Varistor Specification

270K Datasheet (PDF)

Go To PDF Page Download Datasheet
270K Datasheet PDF - TYEE Products Inc

Part # 270K
Download  270K Click to download

File Size   373.75 Kbytes
Page   15 Pages
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc
Description Varistor Specification

270K Datasheet (HTML) - TYEE Products Inc


270K Product details

Applications Features
● Surge Protection in consumer electronics ● Fast response
-- industrial electronics ● Excellent voltage ratio
-- telephone and telecommunication systems ● High stabilization for circuit voltage
-- automobile equipments ● Unparalleled absorption for transient voltage
-- measuring and controller systems characteristics
-- electronic home appliances ● Bilateral and symmetrical V-I Characteristics
-- gas and petroleum appliances curve
● Absorption of switching surge from various
kinds of relays and electro-magnetic valves.
● Electrostatic discharge an spike noise suppression.
● Protection of various kinds of transistors, diodes, ICs,
thyristors, triac semiconductors, and etc.
● Automobile control system such as transistorized ignition
system and electronic fuel injection system




Similar Part No. - 270K

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
270KD05 YAGEO-270KD05 Datasheet
668Kb / 13P
Metal Oxide Varistor (MOV)
Nov. 08, 2024 V.0
270KD05J YAGEO-270KD05J Datasheet
668Kb / 13P
Metal Oxide Varistor (MOV)
Nov. 08, 2024 V.0
logo
Micro Commercial Compon...
270KD05JX MCC-270KD05JX Datasheet
134Kb / 6P
11 to 460 Volts Varistor 0.7 to 29 Joule
270KD05NX MCC-270KD05NX Datasheet
114Kb / 6P
4 to 460 Volts Varistor 0.20 to 22.5 Joule
logo
YAGEO Corporation
270KD07 YAGEO-270KD07 Datasheet
647Kb / 14P
Metal Oxide Varistors (MOV)
Nov. 08, 2024 V.0
More results


Similar Description - 270K

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
Varistor
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
VARISTOR
GNR10D CERAMATE-GNR10D Datasheet
63Kb / 5P
VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
VARISTOR
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
VARISTOR
logo
Shindengen Electric Mfg...
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
Varistor
logo
List of Unclassifed Man...
S6694Z ETC2-S6694Z Datasheet
43Kb / 1P
VARISTOR SPECIFICATION SHEET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com