Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFFA-400 Datasheet (PDF) - Same Sky Devices

CFFA-400 Datasheet PDF - Same Sky Devices
Part # CFFA-400
Download  CFFA-400 Download
File Size   269.05 Kbytes
Page   2 Pages
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices
Description FAN FILTER

CFFA-400 Datasheet (PDF)

Go To PDF Page Download Datasheet
CFFA-400 Datasheet PDF - Same Sky Devices

Part # CFFA-400
Download  CFFA-400 Click to download

File Size   269.05 Kbytes
Page   2 Pages
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices
Description FAN FILTER

CFFA-400 Datasheet (HTML) - Same Sky Devices


CFFA-400 Product details

FEATURES
• 45.5 x 45.5 mm fan filter
• 32.5 mm pitch
• for use with 40 mm fan




Similar Part No. - CFFA-400

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CFFA-400 CUID-CFFA-400 Datasheet
337Kb / 2P
FAN FILTER
08/05/2022
More results


Similar Description - CFFA-400

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CFFA-400 CUID-CFFA-400 Datasheet
337Kb / 2P
FAN FILTER
08/05/2022
CFFA-600 CUID-CFFA-600 Datasheet
316Kb / 2P
FAN FILTER
08/05/2022
CFFA-800 CUID-CFFA-800 Datasheet
347Kb / 2P
FAN FILTER
08/05/2022
CFFA-920 CUID-CFFA-920 Datasheet
387Kb / 2P
FAN FILTER
08/05/2022
logo
CoolCox Limited All rig...
CCFA12CM COOLCOX-CCFA12CM Datasheet
1,006Kb / 1P
Fan Filter
CCFA8CM COOLCOX-CCFA8CM Datasheet
928Kb / 1P
Fan Filter
CCFF12CM COOLCOX-CCFF12CM Datasheet
1Mb / 1P
Fan Filter
CCFF4CM COOLCOX-CCFF4CM Datasheet
2Mb / 1P
Fan Filter
CCFF6CM COOLCOX-CCFF6CM Datasheet
1Mb / 1P
Fan Filter
CCFF8CM COOLCOX-CCFF8CM Datasheet
1Mb / 1P
Fan Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com