Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR1000 Datasheet (PDF) - Campbell Scientific United Kingdom

CR1000 Datasheet PDF - Campbell Scientific United Kingdom
Part # CR1000
Download  CR1000 Download
File Size   709.82 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Measurement and Control Datalogger

CR1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CR1000 Datasheet PDF - Campbell Scientific United Kingdom

Part # CR1000
Download  CR1000 Click to download

File Size   709.82 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Measurement and Control Datalogger

CR1000 Datasheet (HTML) - Campbell Scientific United Kingdom


CR1000 Product details

Benefits and Features
Ideal applications include fire weather, mesonet systems, wind profiling, weather stations, air quality, ETo/agriculture, soil moisture, water level/stage, aquaculture, avalanche forecasting, time-domain reflectometry, vehicle testing, SCADA, and water quality
Serial communications with serial sensors and devices supported via /O port pairs
Collects and stores data and controls peripherals as the brain of your system
Flexible power and communication options make it ideal for remote locations.
4-MB memory can be expanded with add-on memory systems.
Supports PakBus, Modbus, SDI-12, and DNP3 protocols
Compatible with channel expansion peripherals allowing you to expyaourn sydste m
Program with LoggerNet, PC400, or Short Cut to fit your setup
Communicates via various options: TCP/IP, email, FTP, web server.
Gas Discharge Tube (GDT) protected inputs
Battery-backed clock that ensures accurate time is maintained while data logger is disconnected from battery power
Program and control on site with addition of CR1000KD keyboard and display unit.
Contains custom ASIC chip that expands pulse count, control port, and serial communications capabilities

Technical Description
The CR1000 consists of a measurement and control module and a wiring panel. This datalogger uses an external keyboard/display and power supply. Low power consumption allows the CR1000 to operate for extended time periods on a battery recharged with a solar panel—eliminating the need for AC power. The CR1000 suspends execution when primary power drops below 9.6 V, reducing the possibility of inaccurate measurements.
The CR1000's module measures sensors, drives direct communications and telecommunications, reduces data, controls external devices, and stores data and programs in on-board, non-volatile storage. The electronics are RF shielded and glitch protected by the sealed, stainless-steel canister. A battery-backed clock assures accurate timekeeping. The module can simultaneously provide measurement and communication functions. The on-board, BASIC-like programming language supports data processing and analysis routines.

The CR1000WP is a black, anodized aluminum wiring panel that is compatible with all CR1000 modules. The wiring panel includes switchable 12V, redistributed analog grounds (dispersed among analog channels rather than grouped), unpluggable terminal block for 12 V connections, gas-tube spark gaps, and 12 V supply on pin 8 to power our COM-series phone modems and other peripherals. The control module easily disconnects from the wiring panel allowing field replacement without rewiring the sensors.
Originally, the standard CR1000 had 2 MB of data/program storage, and an optional version, the CR1000-4M, had 4 MB of memory. In September 2007, the standard CR1000 started having 4 MB of memory, making the CR1000-4M obsolete. Dataloggers that have a module with a serial number greater than or equal to 11832 will have a 4 MB memory. The 4 MB dataloggers will also have a sticker on the canister stating
"4M Memory”.




Similar Part No. - CR1000

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CR1000X CAMPBELL-CR1000X Datasheet
803Kb / 2P
Measurement and Control Datalogger
05/26/2023
CR1000XE CAMPBELL-CR1000XE Datasheet
209Kb / 2P
Measurement and Control Datalogger
More results


Similar Description - CR1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B59701 ETC1-B59701 Datasheet
94Kb / 2P
Measurement and Control SMDs
logo
Toshiba Semiconductor
TLP192A TOSHIBA-TLP192A_07 Datasheet
183Kb / 7P
Measurement and Control Equipment
TLP202A TOSHIBA-TLP202A_07 Datasheet
160Kb / 4P
Measurement and Control Equipment
TLP222A TOSHIBA-TLP222A_07 Datasheet
187Kb / 6P
Measurement and Control Equipment
TLP592A TOSHIBA-TLP592A_07 Datasheet
182Kb / 6P
Measurement and Control Equipment
logo
Extech Instruments Corp...
42280 EXTECH-42280 Datasheet
199Kb / 1P
Temperature and Humidity Datalogger
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
Measurement and Control
B59701A100A62 ETC2-B59701A100A62 Datasheet
95Kb / 2P
Measurement and Control
B59901D130A40 ETC-B59901D130A40 Datasheet
138Kb / 2P
Measurement and Control Probe Assemblies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com