Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8551 Datasheet (PDF) - Gainsil Semiconductor Technology Co., Ltd

GS8551 Datasheet PDF - Gainsil Semiconductor Technology Co., Ltd
Part # GS8551
Download  GS8551 Download
File Size   624.66 Kbytes
Page   14 Pages
Manufacturer  GAINSIL [Gainsil Semiconductor Technology Co., Ltd]
Direct Link  http://en.gainsil.com/index.php
Logo GAINSIL - Gainsil Semiconductor Technology Co., Ltd
Description 1.8MHZ Zero-Drift CMOS Rail-to-Rail IO Opamp with RF Filter

GS8551 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS8551 Datasheet PDF - Gainsil Semiconductor Technology Co., Ltd

Part # GS8551
Download  GS8551 Click to download

File Size   624.66 Kbytes
Page   14 Pages
Manufacturer  GAINSIL [Gainsil Semiconductor Technology Co., Ltd]
Direct Link  http://en.gainsil.com/index.php
Logo GAINSIL - Gainsil Semiconductor Technology Co., Ltd
Description 1.8MHZ Zero-Drift CMOS Rail-to-Rail IO Opamp with RF Filter

GS8551 Datasheet (HTML) - Gainsil Semiconductor Technology Co., Ltd


GS8551 Product details

Features
• Single-Supply Operation from +1.8V ~ +5.5V
• Rail-to-Rail Input / Output
• Gain-Bandwidth Product: 1.8MHz (Typ@25°C)
• Low Input Bias Current: 20pA (Typ@25°C)
• Low Offset Voltage: 30µV (Max@25°C)
• Quiescent Current: 180µA per Amplifier (Typ)
• Operating Temperature: -45°C ~ +125°C
• Zero Drift: 0.01µV/oC (Typ)
• Embedded RF Anti-EMI Filter
• Small Package:
GS8551 Available in SOT23-5 and SOP-8 Packages
GS8552 Available in MSOP-8 and SOP-8 Packages
GS8554 Available in SOP-14 and TSSOP-14 Packages




Similar Part No. - GS8551

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS8-1 ETC2-GS8-1 Datasheet
43Kb / 3P
RING TONGUE TERMINAL Non-insulated DIN 46234
logo
JST Mfg. Co., Ltd.
GS8-1 JST-GS8-1 Datasheet
52Kb / 3P
RING TONGUE Non-insulated
logo
List of Unclassifed Man...
GS8-10 ETC2-GS8-10 Datasheet
43Kb / 3P
RING TONGUE TERMINAL Non-insulated DIN 46234
logo
JST Mfg. Co., Ltd.
GS8-10 JST-GS8-10 Datasheet
52Kb / 3P
RING TONGUE Non-insulated
logo
List of Unclassifed Man...
GS8-120 ETC2-GS8-120 Datasheet
43Kb / 3P
RING TONGUE TERMINAL Non-insulated DIN 46234
More results


Similar Description - GS8551

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5732 E-CMOS-EC5732 Datasheet
856Kb / 13P
350kHz, Low Power ,Zero-Drift, CMOS, Dual Rail-to-Rail Operational Amplifier with RF Filter
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LMV321 HMSEMI-LMV321 Datasheet
1Mb / 16P
1MHZ CMOS Rail-to-Rail IO Opamp with RF Filter
logo
AiT Semiconductor Inc.
AO1369 AITSEMI-AO1369 Datasheet
854Kb / 12P
600nA 14.5kHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO1378 AITSEMI-AO1378 Datasheet
1,000Kb / 13P
1.8MHZ ZERO-DRIFT CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO321V AITSEMI-AO321V Datasheet
1Mb / 14P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.1
AO324V AITSEMI-AO324V Datasheet
1Mb / 13P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO358V AITSEMI-AO358V Datasheet
1Mb / 13P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
logo
TECH PUBLIC Electronics...
TPV321S5 TECHPUBLIC-TPV321S5 Datasheet
4Mb / 8P
1MHZ CMOS Rail-to-Rail IO Opamp With RF Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com