Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9079330 Datasheet (PDF) - Theben AG

9079330 Datasheet PDF - Theben AG
Part # 9079330
Download  9079330 Download
File Size   1025.88 Kbytes
Page   4 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description KNX Sensor technology

9079330 Datasheet (PDF)

Go To PDF Page Download Datasheet
9079330 Datasheet PDF - Theben AG

Part # 9079330
Download  9079330 Click to download

File Size   1025.88 Kbytes
Page   4 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description KNX Sensor technology

9079330 Datasheet (HTML) - Theben AG


9079330 Product details

Description
- **Currently not available**
- Optical sensor for ceiling installation
- KNX Data Secure
- Rectangular detection area with up to 6 flexible detection zones (Total area 11.0 x 15.5 m 171 m2; at 4.5 m installation height)
- Restriction of the detection area via app (thePixa Plug)
- Automatic presence and brightness-dependent control for lighting and HVAC
- Each detection zone has its own light measurement
- Adjustment of brightness measurements via thePixa Plug app
- Configurable sensitivity of sensor
- Distinction between motion and presence
- Parallel switching of multiple sensors (Master/Slave or Master/Master)
- Test mode for checking function and detection area via app (thePixa Plug)
- Output of occupancy rate and occupancy density via telegram
- Integrated temperature sensor
- Ceiling installation in flush-mounting box (2-point fixing)
- Surface mounting on ceilings possible with surface frame (option)
- thePixa Plug app for settings and evaluations (iOS/Android)
- KNX firmware update possible (ETS app)
- Sensor firmware update possible (thePixa Plug app)
- 6 channels light, Z1 light – Z6 light:
- Switching or constant lighting control with 6 independent control systems and standby function (orientation light)
- Switching mode with dimmable lighting
- Free switch object with configuration type switching
- Fully or semi-automatic device
- Brightness switching value configurable in lux by using parameters
- Brightness switching value configurable in lux by using parameters and telegram
- Light time delay configurable by using parameters
- Aura effect for better orientation and greater safety
- Manual override by telegram
- 6 channels HKL, Z1 HKL – Z6 HKL:
- Configurable switch-on delay and time delay
- Sending of operating mode
- Separate block telegram
- 6 channels room occupancy, Z1 room occupancy – Z6 room occupancy:
- Output of number of persons
- Control of a fan with up to 3 stages
- 3 configurable thresholds (threshold switch)




Similar Part No. - 9079330

ManufacturerPart #DatasheetDescription
logo
Theben AG
9079330 THEBEN-9079330 Datasheet
594Kb / 2P
KNX Sensor technology
22/11/2024
9079330 THEBEN-9079330 Datasheet
594Kb / 2P
KNX Sensor technology
22/11/2024
9079330 THEBEN-9079330 Datasheet
1Mb / 4P
KNX Sensor technology
23/11/2024
More results


Similar Description - 9079330

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATVS-2020 ATS-ATVS-2020 Datasheet
434Kb / 1P
Single Sensor Technology
R2_0215
logo
Mean Well Enterprises C...
KDA-64 MEANWELL-KDA-64 Datasheet
614Kb / 1P
KNX to DALI Gateway
KSI-01U MEANWELL-KSI-01U Datasheet
101Kb / 3P
KNX-USB Interface
KSR-01IP MEANWELL-KSR-01IP Datasheet
102Kb / 3P
KNX IP Router
KAA-8R MEANWELL-KAA-8R Datasheet
177Kb / 7P
KNX Universal Actuator
KSC MEANWELL-KSC Datasheet
117Kb / 3P
KNX LINE Coupler
KSR MEANWELL-KSR Datasheet
104Kb / 3P
KNX IP Router
logo
WAGO Kontakttechnik Gmb...
750-889 WAGO-750-889 Datasheet
715Kb / 17P
Controller KNX IP
logo
Mean Well Enterprises C...
DLC-02-KN MEANWELL-DLC-02-KN Datasheet
992Kb / 7P
KNX-DALI Gateway
2022-11-04
KAA-8R-S MEANWELL-KAA-8R-S Datasheet
764Kb / 8P
KNX Universal Actuator
2022-07-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com