Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL717T-3E Datasheet (PDF) - NVE Corporation

IL717T-3E Datasheet PDF - NVE Corporation
Part # IL717T-3E
Download  IL717T-3E Download
File Size   840.45 Kbytes
Page   21 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description High Speed Four-Channel Digital Isolators

IL717T-3E Datasheet (PDF)

Go To PDF Page Download Datasheet
IL717T-3E Datasheet PDF - NVE Corporation

Part # IL717T-3E
Download  IL717T-3E Click to download

File Size   840.45 Kbytes
Page   21 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description High Speed Four-Channel Digital Isolators

IL717T-3E Datasheet (HTML) - NVE Corporation


IL717T-3E Product details

Features
• High speed: 110 Mbps
• High temperature: −40 °C to +125 °C (“T” and “V” Series)
• Very high isolation: 7 kVRMS Reinforced Isolation (V-Series)
• 2.7 to 5.5 volt supply range
• 100 kV/μs Common Mode Transient Immunity
• No carrier or clock for low EMI emissions and susceptibility
• 100 ps pulse jitter
• 2 ns channel-to-channel skew
• 10 ns typical propagation delay
• 1.2 mA/channel typical quiescent current
• 44000 year barrier life
• Excellent magnetic immunity
• IEC 60747-17 (VDE 0884-17):2021-10 certified; UL 1577 recognized
• 7 kVRMS Reinforced Isolation; 1.2 kVRMS Working Voltage (V-series)
• ATEX / IECEx certified for IS-to-IS intrinsically-safe applications
• 0.15" and 0.3" True 8™ mm 16-pin SOIC; 16-pin QSOP packages
Applications
• ADCs and DACs
• Digital Fieldbus
• Multiplexed data transmission
• Board-to-board communication
• Ground loop elimination
• Parallel bus
• Logic level shifting
• Equipment covered under IEC 61010-1 Edition 3
• 5 kVRMS rated IEC 60601-1 medical applications




Similar Part No. - IL717T-3E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL717 ETC1-IL717 Datasheet
128Kb / 7P
Four Channel Digital Isolators
IL717 ETC2-IL717 Datasheet
496Kb / 18P
High Speed Four-Channel Digital Isolators
logo
NVE Corporation
IL717V NVE-IL717V Datasheet
821Kb / 15P
High Isolation Voltage Digital Isolators
More results


Similar Description - IL717T-3E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL715 ETC1-IL715 Datasheet
128Kb / 7P
Four Channel Digital Isolators
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
REV. D
logo
Maxim Integrated Produc...
MAX14934 MAXIM-MAX14934 Datasheet
1Mb / 24P
Four-Channel, 5kVRMS Digital Isolators
Rev 0; 9/14
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
High Speed Four-Channel Digital Isolators
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
logo
Texas Instruments
ISO721 TI1-ISO721_15 Datasheet
1Mb / 37P
Single Channel High-Speed Digital Isolators
logo
Silicon Laboratories
SI844X SILABS-SI844X Datasheet
1Mb / 32P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
logo
Maxim Integrated Produc...
MAX14934 MAXIM-MAX14934_V01 Datasheet
1Mb / 23P
Four-Channel, 5kVRMS Digital Isolators
2020
logo
Skyworks Solutions Inc.
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com