Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL3685 Datasheet (PDF) - NVE Corporation

IL3685 Datasheet PDF - NVE Corporation
Part # IL3685
Download  IL3685 Download
File Size   852.02 Kbytes
Page   21 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description Advanced Isolated RS-485 Transceivers

IL3685 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL3685 Datasheet PDF - NVE Corporation

Part # IL3685
Download  IL3685 Click to download

File Size   852.02 Kbytes
Page   21 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description Advanced Isolated RS-485 Transceivers

IL3685 Datasheet (HTML) - NVE Corporation


IL3685 Product details

Features
• 40 Mbps data rate
• 3 V to 5 V power supplies
• 20 ns propagation delay
• PROFIBUS fully compliant
• Hot-plug capable
• 50 kV/μs typ.; 30 kV/μs min. common mode transient immunity
• 44000 year barrier life
• 15 kV bus ESD protection
• Low EMC
• Thermal shutdown protection
• 6 kVRMS Reinforced Isolation; 1.2 kVRMS Working Voltage (IL3685VE)
• −40 °C to +85 °C and −40 °C to +125 °C (IL3685TE) versions
• IEC 60747-17 (VDE 0884-17):2021-10 certified; UL 1577 recognized
• ATEX / IECEx certified for IS-to-IS intrinsically safe applications
• QSOP16, 0.15" SOIC16, or 0.3" SOIC16
Applications
• PROFIBUS, PROFIBUS DP, and FMS networks
• Factory automation
• Industrial control networks
• Building environmental controls
• Equipment covered under IEC 61010-1 Edition 3




Similar Part No. - IL3685

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL30 SIEMENS-IL30 Datasheet
63Kb / 3P
PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
IL30 VISHAY-IL30 Datasheet
180Kb / 9P
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
26-Oct-04
IL30 VISHAY-IL30 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
IL30 VISHAY-IL30 Datasheet
232Kb / 10P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
28-Jul-14
IL30 VISHAY-IL30 Datasheet
259Kb / 11P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
20-Sep-2021
More results


Similar Description - IL3685

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
3.3V RS 485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
PROFIBUS RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
3.3 V RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
PROFIBUS RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
3.3-V RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com