Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDM3042 Datasheet (PDF) - Solid State Inc

TDM3042 Datasheet PDF - Solid State Inc
Part # TDM3042
Download  TDM3042 Download
File Size   390.12 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description 400V Blocking Voltage

TDM3042 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDM3042 Datasheet PDF - Solid State Inc

Part # TDM3042
Download  TDM3042 Click to download

File Size   390.12 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description 400V Blocking Voltage

TDM3042 Datasheet (HTML) - Solid State Inc


TDM3042 Product details

Features
 Ultra Miniature 4-Pin Small Outline Package
 Zero Volt Switching
 400V Blocking Voltage
 Low Trigger Current (10mA MAX)
 High Input-to-Output Isolation (3.75kVRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Home Appliances
 Motor / Drive Controls
 Solid State Relays
 Solenoid / Valve Controls
 Temperature Controls




Similar Part No. - TDM3042

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TDM3042 SSOUSA-TDM3042 Datasheet
377Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
More results


Similar Description - TDM3042

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMCR100 GTM-GMCR100 Datasheet
207Kb / 3P
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 0.8A, 400V
GMPCR06 GTM-GMPCR06 Datasheet
217Kb / 3P
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 0.8A, 400V
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
High blocking voltage capability
Rev. 5-23 March 2011
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
High Blocking Voltage (600V)
AD4C101 SSOUSA-AD4C101 Datasheet
224Kb / 5P
High Blocking Voltage (600V)
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
High Blocking Voltage (1200V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
High Blocking Voltage (800V)
STR8062 SSOUSA-STR8062 Datasheet
357Kb / 8P
High Blocking Voltage (600V)
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
High Blocking Voltage
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
High Blocking Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com