Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1781 Datasheet (PDF) - Maxim Integrated Products

MAX1781 Datasheet PDF - Maxim Integrated Products
Part # MAX1781
Download  MAX1781 Download
File Size   1237.8 Kbytes
Page   96 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Advanced Smart Battery-Pack Controller

MAX1781 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1781 Datasheet PDF - Maxim Integrated Products

Part # MAX1781
Download  MAX1781 Click to download

File Size   1237.8 Kbytes
Page   96 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Advanced Smart Battery-Pack Controller

MAX1781 Datasheet (HTML) - Maxim Integrated Products


MAX1781 Product details

General Description
The MAX1781 smart battery-pack controller integrates
a user-programmable microcontroller core, a Coulombcounting fuel gauge, a multi-channel data-acquisition
unit, and an SMBus v1.1 compliant master/slave
SMBus interface. The 8-bit, RISC microcontroller core
has an integrated 12k bytes of user programmable
EEPROM, which provides battery-pack designers with
complete flexibility in developing fuel gauging and
control algorithms. The MAX1781 is equipped with
full ICE (in-circuit emulator) capability for efficient
firmware development and debugging.
The 16-bit data-acquisition unit measures individual
cell voltages, cell stack voltage, chip internal/external
temperature, and two general purpose analog inputs.
Individual cell voltage measurements with 0.5%
accuracy and over-current protection allow the
MAX1781 to eliminate a separate 1st level protection
IC. Adjustable over-current thresholds and delay
timers provide a flexible solution.
The integrating fuel gauge module provides a typical
input offset of less than 1uV, and gain accuracy of
better than 1% with no trimming required during pack
manufacture. The MAX1781 has a wide 4V to 28V
operating voltage range. The IC is available in a 7mm
x 7mm 48-TQFN package with a maximum thickness
of 0.8mm.

Features
¨ Accurate Fuel Gauge Uses V to F Method
· <1µV Input Offset Voltage
· <1% Gain Accuracy
· No Calibration Required
¨ 8-bit RISC Microcontroller Core
¨ 12k Bytes of Program/Data EEPROM
¨ 64 Bytes of Byte Writeable EEPROM
¨ 264 Bytes of RAM
¨ Watchdog Timer
¨ ICE for Firmware Debugging
¨ Integrated Development Environment (IDE)
· C Compiler
· Inline Assembler
¨ Eliminates Separate Primary-Protection IC
· Individual Cell Voltage Measurements with
0.5% accuracy
· Built-In Protection MOSFET Gate Drivers
· 8% Accurate Overcurrent Protection
· Programmable Over-Current Delay Timers
¨ SMBus v1.1-Compliant, with Master Capability
¨ Typical Operating Current <120µA
¨ Typical Shutdown Current <10nA
¨ Integrated 32kHz Oscillator: No Crystal
¨ Fully Integrated LDO (VIN = 4V to 28V)




Similar Part No. - MAX1781

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX178 MAXIM-MAX178 Datasheet
380Kb / 11P
Calibrated 12-Bit ADC with T/H and Reference
MAX17823 MAXIM-MAX17823 Datasheet
358Kb / 2P
Ensures Safe Operation of Li-Ion Battery Packs While Reducing System Cost
Rev. 0; January 2014
MAX17823B MAXIM-MAX17823B Datasheet
1Mb / 121P
12-Channel High-Voltage Data Acquisition System
Rev 5; 9/19
MAX17823BGCB MAXIM-MAX17823BGCB Datasheet
1Mb / 121P
12-Channel High-Voltage Data Acquisition System
Rev 5; 9/19
MAX17823BGCV MAXIM-MAX17823BGCV Datasheet
1Mb / 121P
12-Channel High-Voltage Data Acquisition System
Rev 5; 9/19
More results


Similar Description - MAX1781

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1894 MAXIM-MAX1894 Datasheet
308Kb / 16P
Advanced Li Battery-Pack Protectors
Rev 0; 4/02
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
Smart Battery Charger Controller
logo
Maxim Integrated Produc...
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
logo
Linear Technology
LTC4101 LINER-LTC4101 Datasheet
296Kb / 28P
Smart Battery Charger Controller
logo
Maxim Integrated Produc...
DS2715 MAXIM-DS2715 Datasheet
355Kb / 17P
NiMH Battery Pack Charge Controller
4/09
logo
Linear Technology
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
Smart Battery Charger Controller
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
Smart Battery Charger Controller
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
Smart Battery Charger Controller
logo
Maxim Integrated Produc...
DS2715EVKIT MAXIM-DS2715EVKIT Datasheet
85Kb / 3P
NiMH Battery Pack Charge Controller
2009
logo
RRC power solutions Ltd...
RRC3570 RRC-RRC3570 Datasheet
277Kb / 2P
Rechargeable Smart Battery Pack Li-Ion
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com