Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM-IO16A Datasheet (PDF) - Campbell Scientific United Kingdom

SDM-IO16A Datasheet PDF - Campbell Scientific United Kingdom
Part # SDM-IO16A
Download  SDM-IO16A Download
File Size   679.18 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description 16-Channel Input/Output Module

SDM-IO16A Datasheet (PDF)

Go To PDF Page Download Datasheet
SDM-IO16A Datasheet PDF - Campbell Scientific United Kingdom

Part # SDM-IO16A
Download  SDM-IO16A Click to download

File Size   679.18 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description 16-Channel Input/Output Module

SDM-IO16A Datasheet (HTML) - Campbell Scientific United Kingdom


SDM-IO16A Product details

Benefits and Features
16 digital /O ports
When configured as an input, each port can monitor logic state, count pulses, measure signal frequency, and determine duty cycle
Consumes less than 1 mA power in most applications
Compact package with spring-loaded, vibration-resistant terminals
Connects to the data logger via three ports that can be shared with up to 15 other SDM devices
Multiple different functionfso r programming each input and different function assignments for different ports on the same module
Capability of each terminal to directly drive low-voltage valves orrelays
I/O lines protected against high-level surges with gas discharge tubes

Technical Description
When a port is configured as an input, it can measure the logical state of the port, count pulses, and measure the frequency of—and determine the duty cycle of—signals applied to the port. In pulse-counting mode, there is also an option to enable switch-debounce filtering so the unit can accurately count switch-closure events. The SDM-IO16A measures the frequency of signals by measuring the time between pulses, thereby giving relatively high-resolution measurements even for low-frequency signals.
The module can also be programmed to generate an interrupt signal to the data logger when one or more input signals changes state.
When configured as an output, each port can be set to 0 or 5 V by the data logger. In addition to being able to drive normal logic-level inputs, when an output is set Hl, a "boost" circuit allows direct control of some low-voltage valves and relays. (Referto the Specifications section on the web page.) The SDM-IO16A is a synchronously addressed data logger peripheral. Data logger control ports 1, 2,and 3 are used to address the SDM-I016A and exchange digital data with it. This module uses advanced error-checking techniques to ensure correct transmission of data to and from the module. Up to 16 SDM-I016As may be addressed, making it possible to control a maximum of 256 ports from the first three data logger control ports.




Similar Part No. - SDM-IO16A

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
SDM-INT8 CAMPBELL-SDM-INT8 Datasheet
603Kb / 2P
8-Channel Interval Timer
12/17/2019
More results


Similar Description - SDM-IO16A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-2718 ADVANTECH-MIC-2718 Datasheet
178Kb / 1P
16-Channel Analog Input Module
logo
National Instruments Co...
NI9208 NI-NI9208 Datasheet
190Kb / 7P
16-Channel Current Input Module
logo
Festo Corporation.
526257 FESTO-526257 Datasheet
88Kb / 1P
Input/output module
538787 FESTO-538787 Datasheet
76Kb / 1P
Input/output module
538788 FESTO-538788 Datasheet
77Kb / 1P
Input/output module
538789 FESTO-538789 Datasheet
70Kb / 1P
Input/output module
538790 FESTO-538790 Datasheet
76Kb / 1P
Input/output module
572607 FESTO-572607 Datasheet
95Kb / 2P
Input/output module
576046 FESTO-576046 Datasheet
93Kb / 2P
Input/output module
8023321 FESTO-8023321 Datasheet
72Kb / 1P
Input/output module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com