Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16804 Datasheet (PDF) - Maxim Integrated Products

MAX16804 Datasheet PDF - Maxim Integrated Products
Part # MAX16804
Download  MAX16804 Download
File Size   787.21 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control

MAX16804 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16804 Datasheet PDF - Maxim Integrated Products

Part # MAX16804
Download  MAX16804 Click to download

File Size   787.21 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control

MAX16804 Datasheet (HTML) - Maxim Integrated Products


MAX16804 Product details

General Description

The MAX16804 current regulator operates from a 5.5V to 40V input voltage range and delivers 35mA to 350mA to one or more strings of high-brightness LEDs (HB LEDs). The output current of the MAX16804 is set by using an external current-sense resistor in series with the LEDs. A dual-mode DIM pin and on-board 200Hz ramp generator allow PWM dimming with an analog or PWM input signal. The analog control signal at dimming input DIM allows for a theater-dimming effect to be implemented. Fast turn-on and turn-off times ensure a wide-range PWM operation, while wave-shaping circuitry minimizes EMI.



Features

♦ Flexible Dimming Control, Analog or PWM Control Signal for PWM and Theater Dimming

♦ 200Hz On-Board Ramp Generator

♦ Sinks to External PWM Signal (Up to 2kHz)

♦ 5.5V to 40V Operating Range

♦ 35mA to 350mA Adjustable LED Current

♦ 3% LED Current Accuracy

♦ High-Voltage (Up to 40V) DIM Pin

♦ Integrated Pass Element with Low-Dropout Voltage (0.5V typ)

♦ Additional +5V On-Board Regulator with 2mA Capability

♦ Differential LED Current Sense

♦ Low 200mV Current-Sense Reference Reduces Power Losses

♦ Wave-Shaped Edges Minimize EMI During PWM Dimming

♦ Output Short-Circuit and Thermal-Shutdown Protection

♦ Available in Small, Thermally Enhanced, 5mm x 5mm, 20-Pin TQFN Package

♦ -40°C to +125°C Operating Temperature Range



Applications

  Automotive Interior: Map, Dome, and Courtesy Lighting

  Automotive Exterior:

     Rear Combination Light (RCL)

     Daytime Running Light (DRL)

     Adaptive Front Light

  Warning Lights for Emergency Vehicles

  Navigation and Marine Indicators

  Signage, Canopies, and Beacons



 




Similar Part No. - MAX16804

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
More results


Similar Description - MAX16804

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
logo
Zetex Semiconductors
ZXLD1352 ZETEX-ZXLD1352 Datasheet
655Kb / 22P
350mA LED driver with internal switch and enhanced PWM dimming range
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
MAX16831 MAXIM-MAX16831_09 Datasheet
249Kb / 19P
High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com