Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4800355 Datasheet (PDF) - Theben AG

4800355 Datasheet PDF - Theben AG
Part # 4800355
Download  4800355 Download
File Size   798.58 Kbytes
Page   2 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description Smart Home Tastsensoren/ Bewegungsmelder

4800355 Datasheet (PDF)

Go To PDF Page Download Datasheet
4800355 Datasheet PDF - Theben AG

Part # 4800355
Download  4800355 Click to download

File Size   798.58 Kbytes
Page   2 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description Smart Home Tastsensoren/ Bewegungsmelder

4800355 Datasheet (HTML) - Theben AG


4800355 Product details

Funktionsbeschreibung
- Bewegungsmelder (PIR) für die Deckenmontage im Innenbereich
- Runder Erfassungsbereich 360°, Ø 12 m (113 m²) bei 3 m Montagehöhe
- Mischlichtmessung für Fluoreszenzlampen (FL/PL/ESL), Halogen-/Glühlampen und LEDs geeignet
- Integrierter Temperatursensor
- Erweiterung des Erfassungsbereiches durch Parallelschaltung
- Einstellbare Empfindlichkeit
- Download der Inbetriebnahmesoftware LUXORplug unter https://luxorliving.de/luxorplug




Similar Part No. - 4800355

ManufacturerPart #DatasheetDescription
logo
Theben AG
4800350 THEBEN-4800350 Datasheet
767Kb / 4P
Smart Home Push buttons / Motion detectors
2/04/2025
4800351 THEBEN-4800351 Datasheet
963Kb / 4P
Smart Home Tastsensoren/ Bewegungsmelder
22.11.2024
4800352 THEBEN-4800352 Datasheet
822Kb / 4P
Smart Home Tastsensoren/ Bewegungsmelder
22.11.2024
4800353 THEBEN-4800353 Datasheet
831Kb / 4P
Smart Home Tastsensoren/ Bewegungsmelder
22.11.2024
4800354 THEBEN-4800354 Datasheet
796Kb / 4P
Smart Home Tastsensoren/ Bewegungsmelder
22.11.2024
More results


Similar Description - 4800355

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
HOME AUTOMATION MODEM
Jun-1995
logo
AVX Corporation
009286002021106 AVX-009286002021106 Datasheet
1Mb / 9P
POKE HOME
logo
Extech Instruments Corp...
MO280-KH2 EXTECH-MO280-KH2 Datasheet
188Kb / 1P
Home Inspector Kit
logo
Amphenol Corporation
AAS-920-086C AMPHENOL-AAS-920-086C Datasheet
298Kb / 4P
Home inspectors
logo
E-CMOS Corporation
ECF2100 E-CMOS-ECF2100 Datasheet
525Kb / 5P
RFID smart Gateway for Home automation control
logo
TriQuint Semiconductor
QPG6095 TRIQUINT-QPG6095 Datasheet
305Kb / 3P
ZigBee/Thread/BLE Smart Home Communications Controller
logo
EXCEL CELL ELECTRONIC C...
ETRRPT ECE-ETRRPT Datasheet
153Kb / 5P
HOME APPLICATION RELAY
logo
Qorvo, Inc
QPG6100 QORVO-QPG6100 Datasheet
189Kb / 3P
Low Energy Smart Home Communications Controller
QPG6095J QORVO-QPG6095J Datasheet
202Kb / 3P
Bluetooth Low Energy Smart Home Communications Controller
QPG6095 QORVO-QPG6095 Datasheet
197Kb / 3P
Bluetooth Low Energy Smart Home Communications Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com