Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1019923 Datasheet (PDF) - PHOENIX CONTACT

1019923 Datasheet PDF - PHOENIX CONTACT
Part # 1019923
Download  1019923 Download
File Size   318.09 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 71B 30A - Miniature Circuit Breaker

1019923 Datasheet (PDF)

Go To PDF Page Download Datasheet
1019923 Datasheet PDF - PHOENIX CONTACT

Part # 1019923
Download  1019923 Click to download

File Size   318.09 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 71B 30A - Miniature Circuit Breaker

1019923 Datasheet (HTML) - PHOENIX CONTACT


1019923 Product details

thermal-magnetic Miniature Circuit Breaker, 1-position, use: Supplementary Protection
(UL 1077), for protection against overload up to a short-circuit current of 7.5 kA, tripping
characteristic: B, mounting type: NS 35/..., rated current: 30 A




Similar Part No. - 1019923

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019920 PHOENIX-1019920 Datasheet
315Kb / 8P
TMC 71B 16A - Miniature Circuit Breaker
1019924 PHOENIX-1019924 Datasheet
270Kb / 7P
Thermomagnetic device circuit breaker - TMC 71B 32A
01/13/2022
1019927 PHOENIX-1019927 Datasheet
315Kb / 8P
TMC 71B 60A - Miniature Circuit Breaker
More results


Similar Description - 1019923

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM230 SCHNEIDER-HOM230 Datasheet
108Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 30A
Nov 21, 2019
HOM230C SCHNEIDER-HOM230C Datasheet
150Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 30A
Nov 22, 2019
HOM230CP SCHNEIDER-HOM230CP Datasheet
159Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 30A
Nov 22, 2019
HOM130 SCHNEIDER-HOM130 Datasheet
102Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 30A
HOM130C SCHNEIDER-HOM130C Datasheet
113Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 30A
HOM130CP SCHNEIDER-HOM130CP Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 30A
HOM2305219 SCHNEIDER-HOM2305219 Datasheet
150Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 30A
Nov 22, 2019
EJB14030SA SCHNEIDER-EJB14030SA Datasheet
113Kb / 2P
MINIATURE CIRCUIT BREAKER 277V 30A
Jun 17, 2020
logo
PHOENIX CONTACT
1019924 PHOENIX-1019924 Datasheet
270Kb / 7P
Thermomagnetic device circuit breaker - TMC 71B 32A
01/13/2022
1019913 PHOENIX-1019913 Datasheet
573Kb / 16P
Thermomagnetic device circuit breaker - TMC 71B 06A
Oct 17, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com