Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1019959 Datasheet (PDF) - PHOENIX CONTACT

1019959 Datasheet PDF - PHOENIX CONTACT
Part # 1019959
Download  1019959 Download
File Size   321.77 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 73B 10A - Miniature Circuit Breaker

1019959 Datasheet (PDF)

Go To PDF Page Download Datasheet
1019959 Datasheet PDF - PHOENIX CONTACT

Part # 1019959
Download  1019959 Click to download

File Size   321.77 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 73B 10A - Miniature Circuit Breaker

1019959 Datasheet (HTML) - PHOENIX CONTACT


1019959 Product details

thermal-magnetic Miniature Circuit Breaker, 3-position, use: Supplementary Protection
(UL 1077), for protection against overload up to a short-circuit current of 7.5 kA, tripping
characteristic: B, mounting type: NS 35/..., rated current: 10 A




Similar Part No. - 1019959

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019951 PHOENIX-1019951 Datasheet
319Kb / 8P
TMC 73B 01A - Miniature Circuit Breaker
1019952 PHOENIX-1019952 Datasheet
271Kb / 7P
Thermomagnetic device circuit breaker - TMC 73B 02A
01/13/2022
1019954 PHOENIX-1019954 Datasheet
319Kb / 8P
TMC 73B 04A - Miniature Circuit Breaker
1019956 PHOENIX-1019956 Datasheet
271Kb / 7P
Thermomagnetic device circuit breaker - TMC 73B 06A
01/13/2022
More results


Similar Description - 1019959

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU210 SCHNEIDER-QOU210 Datasheet
98Kb / 2P
QOU Miniature Circuit Breaker, 10A, 2P, 120/240V, 10kA
QOU310 SCHNEIDER-QOU310 Datasheet
131Kb / 2P
QOU Miniature Circuit Breaker, 10A, 3P, 240V, 10kA
QOUR110 SCHNEIDER-QOUR110 Datasheet
109Kb / 2P
QOUR Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA
Feb 21, 2020
QOUR310 SCHNEIDER-QOUR310 Datasheet
117Kb / 2P
QOUQ Miniature Circuit Breaker, 10A, 3P, 240V, 10kA
logo
PHOENIX CONTACT
0916610 PHOENIX-0916610 Datasheet
159Kb / 9P
Thermomagnetic device circuit breaker - UT 6-TMC M 10A
09/11/2020
1019952 PHOENIX-1019952 Datasheet
271Kb / 7P
Thermomagnetic device circuit breaker - TMC 73B 02A
01/13/2022
1019956 PHOENIX-1019956 Datasheet
271Kb / 7P
Thermomagnetic device circuit breaker - TMC 73B 06A
01/13/2022
0902072 PHOENIX-0902072 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 10A
05.10.2012
0902221 PHOENIX-0902221 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 10A
01.06.2012
0902373 PHOENIX-0902373 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 10A
01.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com