Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1020028 Datasheet (PDF) - PHOENIX CONTACT

1020028 Datasheet PDF - PHOENIX CONTACT
Part # 1020028
Download  1020028 Download
File Size   321.84 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 73C 20A - Miniature Circuit Breaker

1020028 Datasheet (PDF)

Go To PDF Page Download Datasheet
1020028 Datasheet PDF - PHOENIX CONTACT

Part # 1020028
Download  1020028 Click to download

File Size   321.84 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 73C 20A - Miniature Circuit Breaker

1020028 Datasheet (HTML) - PHOENIX CONTACT


1020028 Product details

thermal-magnetic Miniature Circuit Breaker, 3-position, use: Supplementary Protection
(UL 1077), for protection against overload up to a short-circuit current of 7.5 kA, tripping
characteristic: C, mounting type: NS 35/..., rated current: 20 A




Similar Part No. - 1020028

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1020020 PHOENIX-1020020 Datasheet
321Kb / 8P
TMC 73C 06A - Miniature Circuit Breaker
logo
Weidmuller
1020020000 WEIDMULLER-1020020000 Datasheet
673Kb / 18P
Feed-through terminal, Screw connection, 2.5mm짼,
October 6, 2021
logo
ERNI Electronics
102002000001 ERNI-102002000001 Datasheet
60Kb / 1P
M 2,54 SRC-A, 8-polig
102002070001 ERNI-102002070001 Datasheet
42Kb / 1P
F 2,54 SRC-A, 8-polig
logo
PHOENIX CONTACT
1020026 PHOENIX-1020026 Datasheet
321Kb / 8P
TMC 73C 15A - Miniature Circuit Breaker
More results


Similar Description - 1020028

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM120 SCHNEIDER-HOM120 Datasheet
98Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 20A
Nov 21, 2019
HOM220CP SCHNEIDER-HOM220CP Datasheet
150Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 20A
Nov 22, 2019
HOM120C SCHNEIDER-HOM120C Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 20A
HOM120CP SCHNEIDER-HOM120CP Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 20A
HOM120CP1235 SCHNEIDER-HOM120CP1235 Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 20A
HOMT2020C SCHNEIDER-HOMT2020C Datasheet
108Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 20A
Nov 25, 2019
EDB24020B SCHNEIDER-EDB24020B Datasheet
56Kb / 1P
MINIATURE CIRCUIT BREAKER 480Y/277V 20A
Jun 17, 2020
logo
PHOENIX CONTACT
0902108 PHOENIX-0902108 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 20A
05.10.2012
0902250 PHOENIX-0902250 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 20A
05.10.2012
0902409 PHOENIX-0902409 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 20A
01.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com