Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CH12MG Datasheet (PDF) - Toshiba Semiconductor

TMP86CH12MG Datasheet PDF - Toshiba Semiconductor
Part # TMP86CH12MG
Download  TMP86CH12MG Download
File Size   1589.39 Kbytes
Page   182 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8 Bit Microcontroller

TMP86CH12MG Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP86CH12MG Datasheet PDF - Toshiba Semiconductor

Part # TMP86CH12MG
Download  TMP86CH12MG Click to download

File Size   1589.39 Kbytes
Page   182 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8 Bit Microcontroller

TMP86CH12MG Datasheet (HTML) - Toshiba Semiconductor


TMP86CH12MG Product details

Features
1. 8-bit single chip microcomputer TLCS-870/C series
    - Instruction execution time :
        0.25 µs (at 16 MHz)
        122 µs (at 32.768 kHz)
    - 132 types & 731 basic instructions
2. 22interrupt sources (External : 6 Internal : 16)
3. Input / Output ports (24 pins)
    Large current output: 8pins (Typ. 20mA), LED direct drive
4. Watchdog Timer
5. Prescaler
    - Time base timer
    - Divider output function
6. 10-bit timer counter: 1ch (2 output pins)
    2ports output PPG (Programmed Pulse Generator)
    50%duty output mode
    Variable Duty output mode
    External-triggered start and stop
    Emargency stop pin
7. 16-bit timer counter: 1 ch
    - Timer, External trigger, Window, Pulse width measurement, Event counter, Programmable pulse generate (PPG) modes
8. 8-bit timer counter : 2 ch
    - Timer, Event counter, Programmable divider output (PDO), Pulse width modulation (PWM) output, Programmable pulse generation (PPG) modes
9. 8-bit SIO: 1 ch
10. 8-bit UART : 1 ch
11. 10-bit successive approximation type AD converter
    - Analog input: 8 ch
12. Key-on wakeup : 4 ch
13. Clock operation
    Single clock mode
    Dual clock mode
15. Wide operation voltage:
    2.7 V to 5.5 V at 8MHz /32.768 kHz
    4.5 V to 5.5 V at 16 MHz /32.768 kHz




Similar Part No. - TMP86CH12MG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP86CH06AUG TOSHIBA-TMP86CH06AUG Datasheet
1Mb / 158P
8 Bit Microcontroller
TMP86CH06N TOSHIBA-TMP86CH06N Datasheet
6Mb / 128P
CMOS 8-BIT MICROCONTROLLER
TMP86CH06U TOSHIBA-TMP86CH06U Datasheet
6Mb / 128P
CMOS 8-BIT MICROCONTROLLER
TMP86CH09NG TOSHIBA-TMP86CH09NG Datasheet
1Mb / 154P
8 Bit Microcontroller
TMP86CH21AUG TOSHIBA-TMP86CH21AUG Datasheet
1Mb / 188P
8 Bit Microcontroller
More results


Similar Description - TMP86CH12MG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com