|
Benefits and Features
Simplifies communication to data loggers with dynamic, private IP addresses
Compatible with all methods of PakBus security
Scalable to address expanding data logger network needs
Lifetime complimentary service with the purchase of cellular-enabled hardware
Can be purchased as a low-cost, two-year subscription
Provides secure communication
Technical Description
Konect PakBus Router is a cloud-based service that supports all Campbell Scientific's PakBus data loggers*. The router acts as a bridge between a data logger configured to connect to the router and our LoggerNet Datalogger Support Software. The data logger connection to the router is most easily implemented by entering the router URL into the data logger's PakBus/TCP Client Connections setting.
Konect PakBus Router is offered as a two-year subscription (two years of service, paid in advance). Subscription fees are based on a per-data-logger basis. You provide us with the unique PakBus address(es) of the data logger(s) to which you want to connect, and we provide you with a URL/Port combination to use in the data logger(s) and in the
LoggerNet software. As your network of data loggers grows, simply request that new PakBus addresses be added to your Konect PakBus Router service.
*Some PakBus data loggers do not have an internal IP stack and must rely on the capabilities of an IP modem to initiate the connection back to the Konect Router. This includes the CR200(X) and the CR10X, CR510, and CR23X dataloggers with a PakBus operating system.
|