Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1396540 Datasheet (PDF) - PHOENIX CONTACT

1396540 Datasheet PDF - PHOENIX CONTACT
Part # 1396540
Download  1396540 Download
File Size   1390.64 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CHARX T2HBI24-DC250-6,0M6 - Vehicle charging inlet

1396540 Datasheet (PDF)

Go To PDF Page Download Datasheet
1396540 Datasheet PDF - PHOENIX CONTACT

Part # 1396540
Download  1396540 Click to download

File Size   1390.64 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CHARX T2HBI24-DC250-6,0M6 - Vehicle charging inlet

1396540 Datasheet (HTML) - PHOENIX CONTACT


1396540 Product details

CHARX connect universal, DC CCS Typ 2, Vehicle charging inlet, up to 500 A in Boost mode,
250 A permanent, 1000 V DC, Single wires, length: 6 m, locking actuator: 24 V, 4-pos., Front
and rear mounting, M6, housing: black, for charging with direct current (DC), IEC 62196-2,
IEC 62196-3, A protective cap is supplied as standard for the DC contacts.




Similar Part No. - 1396540

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
13965 FESTO-13965 Datasheet
50Kb / 1P
Cover cap
7/21/22
logo
Atom Lighting
13965 ATOM-13965 Datasheet
790Kb / 3P
Condor
29th of January 2025 09:20:17
logo
PHOENIX CONTACT
1396511 PHOENIX-1396511 Datasheet
2Mb / 9P
SAC-5P-P12MR/ 0,6-PUR/P12FS - Sensor/actuator cable
1396559 PHOENIX-1396559 Datasheet
286Kb / 8P
PSR-ESS-ACC-CB1-NC-EF-SC - Contact module
1396599 PHOENIX-1396599 Datasheet
1Mb / 7P
SACC-DSIV-M12FS-5CON-L180 ST X - Device
More results


Similar Description - 1396540

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1211201 PHOENIX-1211201 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-1AC32DC125-2,0M2
1211202 PHOENIX-1211202 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-1AC32DC200-2,0M2
1211206 PHOENIX-1211206 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-1AC32DC250-2,0M2
1211210 PHOENIX-1211210 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-3AC32DC125-2,0M2
1211212 PHOENIX-1211212 Datasheet
605Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-3AC32DC200-2,0M2
1211220 PHOENIX-1211220 Datasheet
602Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-DC250-2,0M2
1211222 PHOENIX-1211222 Datasheet
603Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-DC250-2,0M2
1211606 PHOENIX-1211606 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-DC250-2,0M1
1270301 PHOENIX-1270301 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-3AC32DC250-2,0M2
1271833 PHOENIX-1271833 Datasheet
1Mb / 6P
Vehicle charging inlet - CHARX GBH4I-DC250-2,0M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com