Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73101DBVR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS73101DBVR Datasheet PDF - Texas Instruments
Part # TPS73101DBVR
Download  TPS73101DBVR Download
File Size   766.96 Kbytes
Page   30 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS731xx Capacitor-Free, NMOS, 150-mA Low Dropout Regulator With Reverse Current Protection

TPS73101DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS73101DBVR Datasheet PDF - Texas Instruments

Part # TPS73101DBVR
Download  TPS73101DBVR Click to download

File Size   766.96 Kbytes
Page   30 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS731xx Capacitor-Free, NMOS, 150-mA Low Dropout Regulator With Reverse Current Protection

TPS73101DBVR Datasheet (HTML) - Texas Instruments


TPS73101DBVR Product details

1 Features
1• Stable With or Without Capacitors of All Types
• Input Voltage Range of 1.7 V to 5.5 V
• Ultralow Dropout Voltage: 30 mV Typical (150-mA
Load)
• Excellent Load Transient Response—With or
Without Optional Output Capacitor
• New NMOS Topology Provides Low Reverse
Leakage Current
• Low Noise: 30 μV RMS Typical (10 kHz to 100 kHz)
• 0.5% Initial Accuracy
• 1% Overall Accuracy Over Line, Load, and
Temperature
• Less Than 1-μA Maximum I Q in Shutdown Mode
• Thermal Shutdown and Specified Minimum and
Maximum Current Limit Protection
• Available in Multiple Output Voltage Versions
– Fixed Outputs of 1.20 V to 5 V
– Adjustable Outputs from 1.2 V to 5.5 V
– Custom Outputs Available

2 Applications
• Smart Grid and Energy
• Building Automation
• Set-Top Boxes
• Medical Equipment
• Test and Measurement
• Point-of-Sale Terminals
• Wireless Infrastructure

3 Description
The TPS731xx family of low-dropout (LDO) linear
voltage regulators uses a new topology: an NMOS pass element in a voltage-follower configuration. This
topology is stable using output capacitors with low
equivalent series resistance (ESR), and even allows
operation without a capacitor. The device also
provides high reverse blockage (low reverse current)
and ground pin current that is nearly constant over all
values of output current.
The TPS731xx uses an advanced BiCMOS process
to yield high precision while delivering very low
dropout voltages and low ground pin current. Current
consumption, when not enabled, is less than 1 μA
and ideal for portable applications. The extremely low
output noise (30 μVRMS with 0.1-μF CNR) is ideal for
powering VCOs. These devices are protected by
thermal shutdown and foldback current limit.




Similar Part No. - TPS73101DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73101DBVR TI-TPS73101DBVR Datasheet
348Kb / 16P
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73101DBVR TI-TPS73101DBVR Datasheet
300Kb / 18P
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73101DBVR TI1-TPS73101DBVR Datasheet
1Mb / 30P
Low Dropout Regulator
TPS73101DBVR TI2-TPS73101DBVR Datasheet
770Kb / 30P
TPS731xx Capacitor-Free, NMOS, 150-mA Low Dropout Regulator With Reverse Current Protection
REVISED DECEMBER 2015
TPS73101DBVR TI2-TPS73101DBVR Datasheet
1Mb / 34P
TPS731 Capacitor-Free, NMOS, 150mA, Low-Dropout Regulator With Reverse Current Protection
REVISED APRIL 2026
More results


Similar Description - TPS73101DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP Datasheet
567Kb / 21P
CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-Q1 TI1-TPS73201-Q1 Datasheet
1Mb / 26P
CAP-FREE NMOS 250-mA LOW-DROPOUT REGULATOR WITH REVERSE-CURRENT PROTECTION
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS732-Q1 TI1-TPS732-Q1 Datasheet
1Mb / 31P
Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
TPS73101-EP TI1-TPS73101-EP_15 Datasheet
605Kb / 23P
CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73601-Q1 TI1-TPS73601-Q1_16 Datasheet
1Mb / 28P
TPS736xx-Q1, Cap-Free, NMOS, 400-mA Low-Dropout Regulator With Reverse Current Protection
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com