Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1285633 Datasheet (PDF) - PHOENIX CONTACT

1285633 Datasheet PDF - PHOENIX CONTACT
Part # 1285633
Download  1285633 Download
File Size   571.48 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CHARX ET2C-3AC32-5,0MES00P - AC charging cable

1285633 Datasheet (PDF)

Go To PDF Page Download Datasheet
1285633 Datasheet PDF - PHOENIX CONTACT

Part # 1285633
Download  1285633 Click to download

File Size   571.48 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CHARX ET2C-3AC32-5,0MES00P - AC charging cable

1285633 Datasheet (HTML) - PHOENIX CONTACT


1285633 Product details

CHARX connect eco, Type 2, AC charging cable, 32 A permanent, 480 V AC, with vehicle
charging connector and open cable end, cable: 5 m, black, straight, with protective cap,
PHOENIX CONTACT logo, IEC 62196-2, for charging electric vehicles (EV) with alternating
current (AC)




Similar Part No. - 1285633

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12856 ETC2-12856 Datasheet
256Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
logo
Heyco.
12856 HEYCO-12856 Datasheet
91Kb / 1P
Stainless Steel Cable Ties
12856 HEYCO-12856 Datasheet
88Kb / 1P
Stainless Steel Cable Ties
12856 HEYCO-12856 Datasheet
89Kb / 1P
Stainless Steel Cable Ties
logo
PHOENIX CONTACT
1285622 PHOENIX-1285622 Datasheet
664Kb / 10P
CHARX ET2CP-3AC32-5,0MES00P - AC charging cable
More results


Similar Description - 1285633

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1622677 PHOENIX-1622677 Datasheet
108Kb / 6P
AC charging cable
1623389 PHOENIX-1623389 Datasheet
105Kb / 6P
AC charging cable
1162144 PHOENIX-1162144 Datasheet
606Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-3AC32DC200-2,0M2
1271965 PHOENIX-1271965 Datasheet
5Mb / 11P
Vehicle charging inlet - CHARX T2HCI24-3AC32-2,0M2
1139022 PHOENIX-1139022 Datasheet
72Kb / 6P
AC charging controller - CHARX SEC-3000
1139034 PHOENIX-1139034 Datasheet
68Kb / 5P
AC charging controller - CHARX SEC-1000
1138965 PHOENIX-1138965 Datasheet
77Kb / 7P
AC charging controller - CHARX SEC-3150
1139012 PHOENIX-1139012 Datasheet
75Kb / 6P
AC charging controller - CHARX SEC-3100
1139018 PHOENIX-1139018 Datasheet
72Kb / 6P
AC charging controller - CHARX SEC-3050
1271966 PHOENIX-1271966 Datasheet
5Mb / 11P
Vehicle charging inlet - CHARX T2HCI12-3AC32-2,0M2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com