Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1294080 Datasheet (PDF) - PHOENIX CONTACT

1294080 Datasheet PDF - PHOENIX CONTACT
Part # 1294080
Download  1294080 Download
File Size   484.12 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EV-T2G3C-1AC32A-10,0M6,0ESBK01 - AC charging cable

1294080 Datasheet (PDF)

Go To PDF Page Download Datasheet
1294080 Datasheet PDF - PHOENIX CONTACT

Part # 1294080
Download  1294080 Click to download

File Size   484.12 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EV-T2G3C-1AC32A-10,0M6,0ESBK01 - AC charging cable

1294080 Datasheet (HTML) - PHOENIX CONTACT


1294080 Product details

CHARX connect comfort, Type 2, AC charging cable, 32 A permanent, 250 V AC, with vehicle
charging connector and open cable end, cable: 10 m, black, straight, with protective cap,
housing: black, gray, PHOENIX CONTACT logo, IEC 62196-2, for charging electric vehicles (EV)
with alternating current (AC) via type 2 vehicle charging inlets




Similar Part No. - 1294080

ManufacturerPart #DatasheetDescription
logo
Heyco.
1294 HEYCO-1294 Datasheet
108Kb / 1P
Shorty Window “View Port” Plugs
logo
Johnson Electric Holdin...
129415-023 JOHNSON-129415-023 Datasheet
82Kb / 2P
Ledex® Low Profile Size 5EC — Push or Pull
129415-024 JOHNSON-129415-024 Datasheet
82Kb / 2P
Ledex® Low Profile Size 5EC — Push or Pull
129415-025 JOHNSON-129415-025 Datasheet
82Kb / 2P
Ledex® Low Profile Size 5EC — Push or Pull
129415-026 JOHNSON-129415-026 Datasheet
82Kb / 2P
Ledex® Low Profile Size 5EC — Push or Pull
More results


Similar Description - 1294080

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1623909 PHOENIX-1623909 Datasheet
367Kb / 8P
AC charging cable - EV-TAG3PK-1AC32A-4,0M6,0ESBK01
1164343 PHOENIX-1164343 Datasheet
56Kb / 3P
Cable set - EV-T2M3SOW-1AC32A-0,3M6,0E
1627133 PHOENIX-1627133 Datasheet
427Kb / 10P
AC charging cable - EV-T2G3PC-1AC32A-4,0M6,0EHBK01
1627344 PHOENIX-1627344 Datasheet
309Kb / 8P
AC charging cable - EV-T1G3C-1AC32A-4,0M6,0EHBK01
1627355 PHOENIX-1627355 Datasheet
437Kb / 11P
AC charging cable - EV-T2G3C-3AC32A-5,0M6,0ESBK01
1628379 PHOENIX-1628379 Datasheet
338Kb / 8P
AC charging cable - EV-T1G2C-1AC32A-25FT10ASBK11
1628023 PHOENIX-1628023 Datasheet
548Kb / 9P
AC charging cable - EV-TAG3PK-1AC32A-5,0M6,0ESBK01
1627126 PHOENIX-1627126 Datasheet
486Kb / 11P
AC charging cable - EV-T2G3C-1AC20A-4,0M2,5EHBK01
1628115 PHOENIX-1628115 Datasheet
120Kb / 8P
AC charging cable - EV-T2G3P-1AC32A-1,5M6,0ESBK01
09/12/2020
1628210 PHOENIX-1628210 Datasheet
168Kb / 11P
AC charging cable - EV-TAG3PK-1AC32A-10M6,0ESBK01
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com