Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1627601 Datasheet (PDF) - PHOENIX CONTACT

1627601 Datasheet PDF - PHOENIX CONTACT
Part # 1627601
Download  1627601 Download
File Size   509.22 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EV-GBG3C-1AC32A-5,0M6,0ESBK01 - AC charging cable

1627601 Datasheet (PDF)

Go To PDF Page Download Datasheet
1627601 Datasheet PDF - PHOENIX CONTACT

Part # 1627601
Download  1627601 Click to download

File Size   509.22 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EV-GBG3C-1AC32A-5,0M6,0ESBK01 - AC charging cable

1627601 Datasheet (HTML) - PHOENIX CONTACT


1627601 Product details

CHARX connect comfort, GB/T, AC charging cable, 32 A permanent, 440 V AC, with vehicle
charging connector and open cable end, cable: 5 m, black, straight, with protective cap, housing:
black, gray, PHOENIX CONTACT logo, GB/T 20234.2-2015, GB/T 18487.1-2015, for charging
electric vehicles (EV) with alternating current (AC) via GB/T vehicle charging inlets




Similar Part No. - 1627601

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
162760 FESTO-162760 Datasheet
88Kb / 1P
Air preparation unit
8/16/22
logo
PHOENIX CONTACT
1627600 PHOENIX-1627600 Datasheet
551Kb / 9P
EV-GBG3C-3AC16A-5,0M2,5ESBK01 - AC charging cable
1627602 PHOENIX-1627602 Datasheet
552Kb / 9P
EV-GBG3C-3AC32A-5,0M6,0ESBK01 - AC charging cable
1627604 PHOENIX-1627604 Datasheet
382Kb / 8P
AC charging cable - EV-GBG3PC-3AC16A-5,0M2,5ESBK01
1627608 PHOENIX-1627608 Datasheet
65Kb / 2P
Device connector, rear mounting - PRC 3-FT25-MC WO NUT
More results


Similar Description - 1627601

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1623909 PHOENIX-1623909 Datasheet
367Kb / 8P
AC charging cable - EV-TAG3PK-1AC32A-4,0M6,0ESBK01
1627133 PHOENIX-1627133 Datasheet
427Kb / 10P
AC charging cable - EV-T2G3PC-1AC32A-4,0M6,0EHBK01
1627344 PHOENIX-1627344 Datasheet
309Kb / 8P
AC charging cable - EV-T1G3C-1AC32A-4,0M6,0EHBK01
1627355 PHOENIX-1627355 Datasheet
437Kb / 11P
AC charging cable - EV-T2G3C-3AC32A-5,0M6,0ESBK01
1628379 PHOENIX-1628379 Datasheet
338Kb / 8P
AC charging cable - EV-T1G2C-1AC32A-25FT10ASBK11
1628023 PHOENIX-1628023 Datasheet
548Kb / 9P
AC charging cable - EV-TAG3PK-1AC32A-5,0M6,0ESBK01
1627692 PHOENIX-1627692 Datasheet
162Kb / 9P
AC charging cable - EV-T2G3PC-3AC32A-5,0M6,0ESBK01
09/11/2020
1628001 PHOENIX-1628001 Datasheet
146Kb / 9P
AC charging cable - EV-TCG3PK-3AC32A-5,0M6,0ESBK01
09/12/2020
1628115 PHOENIX-1628115 Datasheet
120Kb / 8P
AC charging cable - EV-T2G3P-1AC32A-1,5M6,0ESBK01
09/12/2020
1628210 PHOENIX-1628210 Datasheet
168Kb / 11P
AC charging cable - EV-TAG3PK-1AC32A-10M6,0ESBK01
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com