Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP197GA Datasheet (PDF) - Toshiba Semiconductor

TLP197GA Datasheet PDF - Toshiba Semiconductor
Part # TLP197GA
Download  TLP197GA Download
File Size   186.59 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Measurement Instrumentation

TLP197GA Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP197GA Datasheet PDF - Toshiba Semiconductor

Part # TLP197GA
Download  TLP197GA Click to download

File Size   186.59 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Measurement Instrumentation

TLP197GA Datasheet (HTML) - Toshiba Semiconductor


TLP197GA Product details

PBX

Telecommunication

Modem•FAX Cards, Modems In PC

Measurement Instrumentation



The TOSHIBA TLP197GA consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a SOP, which is suitable for surface mount assembly.

The TLP197GA is suitable for replacement of mechanical relays in many applications which require space savings.



• 6 pin SOP (2.54SOP6): 2.1 mm high, 2.54 mm pitch

• 1-form-A

• Peak off-state voltage: 400 V (min)

• Trigger LED current: 3 mA (max)

• On-state current: 120 mA (max)

• On-state resistance: 35 Ω (max)

• Isolation voltage: 1500 Vrms (min)

• BSI approved: BS EN60065:2002, certificate no.8753

                     BS EN60950-1:2002, certificate no.8754



 




Similar Part No. - TLP197GA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP197G TOSHIBA-TLP197G Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
25-Sep-2002
TLP197G TOSHIBA-TLP197G Datasheet
181Kb / 6P
Measurement Instrumentation
TLP197G TOSHIBA-TLP197G_07 Datasheet
181Kb / 6P
Measurement Instrumentation
More results


Similar Description - TLP197GA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP599A TOSHIBA-TLP599A Datasheet
143Kb / 5P
Telecommunication Data Acquisit Measurement Instrumentation
25-Sep-2002
TLP599B TOSHIBA-TLP599B Datasheet
183Kb / 5P
Telecommunication Data Acquisition Measurement Instrumentation
25-Sep-2002
TLP597A TOSHIBA-TLP597A Datasheet
134Kb / 6P
TELECOMMUNICATION DATA ACQUISITION MEASUREMENT INSTRUMENTATION
09-Aug-2000
TLP798GA TOSHIBA-TLP798GA_07 Datasheet
155Kb / 5P
Measurement Instrumentation
TLP197G TOSHIBA-TLP197G_07 Datasheet
181Kb / 6P
Measurement Instrumentation
TLP206GA TOSHIBA-TLP206GA Datasheet
180Kb / 6P
Measurement Instrumentation
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
Measurement Instrumentation
TLP598AA TOSHIBA-TLP598AA Datasheet
154Kb / 5P
Measurement Instrumentation
TLP597A TOSHIBA-TLP597A_07 Datasheet
159Kb / 6P
MEASUREMENT INSTRUMENTATION
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
Telecommunication Data Acquisition Measurement Instrumentation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com