Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF600G Datasheet (PDF) - Same Sky Devices

SF600G Datasheet PDF - Same Sky Devices
Part # SF600G
Download  SF600G Download
File Size   169.52 Kbytes
Page   2 Pages
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices
Description THERMAL PAD

SF600G Datasheet (PDF)

Go To PDF Page Download Datasheet
SF600G Datasheet PDF - Same Sky Devices

Part # SF600G
Download  SF600G Click to download

File Size   169.52 Kbytes
Page   2 Pages
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices
Description THERMAL PAD

SF600G Datasheet (HTML) - Same Sky Devices


SF600G Product details

FEATURES
• 6.0 W/m*K thermal conductivity
• naturally tacky
• silicone based
• electrical isolation
• sizes to match CUI peltier footprints




Similar Part No. - SF600G

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SF6000BN KNIGHTSBRIDGE-SF6000BN Datasheet
216Kb / 1P
13A Fused Spur Unit - Black Nickel
03/04/2024
SF6000MB KNIGHTSBRIDGE-SF6000MB Datasheet
238Kb / 1P
TERMINAL CAPACITY 3 x 2.5mm² or 2 x 4.0mm²
01/04/2024
SF6000MBB KNIGHTSBRIDGE-SF6000MBB Datasheet
265Kb / 1P
13A Fused Spur Unit - Matt Black
01/04/2024
SF6000MW KNIGHTSBRIDGE-SF6000MW Datasheet
171Kb / 1P
13A Fused Spur Unit - Matt White
29/03/2024
SF6000PB KNIGHTSBRIDGE-SF6000PB Datasheet
220Kb / 1P
13A Fused Spur Unit - Polished Brass
05/04/2024
More results


Similar Description - SF600G

ManufacturerPart #DatasheetDescription
logo
CUI INC
SF100 CUI-SF100 Datasheet
241Kb / 2P
THERMAL PAD
logo
T-Global Technology
GT10D TGLOBAL-GT10D Datasheet
233Kb / 1P
Thermal Pad
Version18 20220801
logo
CUI Devices
SF100 CUID-SF100 Datasheet
234Kb / 2P
THERMAL PAD
08/05/2022
SF400 CUID-SF400 Datasheet
236Kb / 2P
THERMAL PAD
08/05/2022
logo
T-Global Technology
TG-A373F TGLOBAL-TG-A373F Datasheet
404Kb / 1P
Thermal Pad
20230721
TG-A373L TGLOBAL-TG-A373L Datasheet
379Kb / 1P
Thermal Pad
20230721
TG-A373S TGLOBAL-TG-A373S Datasheet
398Kb / 1P
Thermal Pad
20230712
TG-A375S TGLOBAL-TG-A375S Datasheet
411Kb / 1P
Thermal Pad
20230721
TG-A486G TGLOBAL-TG-A486G Datasheet
364Kb / 1P
Thermal Pad
20230721
TG-AL373 TGLOBAL-TG-AL373 Datasheet
367Kb / 1P
Thermal Pad
20230721
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com