| Manufacturer | Part # | Datasheet | Description |
 PHOENIX CONTACT |
0308210
|
48Kb / 2P |
Separating plate - TS-RTK-BEN - 0308210
|
|
0310211
|
47Kb / 2P |
Separating plate - TS-RTK - 0310211
|
|
3072821
|
53Kb / 2P |
Separating plate, length: 105.2 mm, width: 1 mm, height: 67.5 mm, color: gray
|
|
2778534
|
57Kb / 3P |
Separating plate - TS-KK 3 SO
09/11/2020 |
|
3049602
|
57Kb / 3P |
Separating plate - HV M12/1-TP
09/12/2020 |
|
3049709
|
57Kb / 3P |
Separating plate - HV M12/2-TP
09/12/2020 |
 Festo Corporation. |
560956
|
58Kb / 1P |
Plate
8/1/2 |
|
560957
|
74Kb / 1P |
Plate
8/2/22 |
|
560955
|
67Kb / 1P |
Plate
8/4/22 |
 Stackpole Electronics, ... |
HVD
|
327Kb / 5P |
High Voltage Plate Resistor Divider
02/08/2021 |