Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALH60F48 Datasheet (PDF) - Astec America, Inc

ALH60F48 Datasheet PDF - Astec America, Inc
Part # ALH60F48
Download  ALH60F48 Download
File Size   389.15 Kbytes
Page   21 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description Industry Standard Brick - 36-75V Input, 3.3V / 60A Output

ALH60F48 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALH60F48 Datasheet PDF - Astec America, Inc

Part # ALH60F48
Download  ALH60F48 Click to download

File Size   389.15 Kbytes
Page   21 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description Industry Standard Brick - 36-75V Input, 3.3V / 60A Output

ALH60F48 Datasheet (HTML) - Astec America, Inc




Similar Part No. - ALH60F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALH60F48 ASTEC-ALH60F48 Datasheet
506Kb / 2P
Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
logo
Emerson Network Power
ALH60F48 EMERSON-NETWORKPOWER-ALH60F48 Datasheet
1Mb / 2P
Ultra High Efficiency Half Brick
ALH60F48N EMERSON-NETWORKPOWER-ALH60F48N Datasheet
1Mb / 2P
Ultra High Efficiency Half Brick
More results


Similar Description - ALH60F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
Industry standard Half-brick
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
Industry Standard Half-Brick
logo
Ericsson
PKB4711PINBM ERICSSON-PKB4711PINBM Datasheet
1Mb / 46P
Industry standard Eighth-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
Industry Standard Half- Brick
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com