Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7151BRMZ-REEL Datasheet (PDF) - Analog Devices

AD7151BRMZ-REEL Datasheet PDF - Analog Devices
Part # AD7151BRMZ-REEL
Download  AD7151BRMZ-REEL Download
File Size   518.77 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing

AD7151BRMZ-REEL Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7151BRMZ-REEL Datasheet PDF - Analog Devices

Part # AD7151BRMZ-REEL
Download  AD7151BRMZ-REEL Click to download

File Size   518.77 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing

AD7151BRMZ-REEL Datasheet (HTML) - Analog Devices


AD7151BRMZ-REEL Product details

GENERAL DESCRIPTION
The AD7151 delivers a complete signal processing solution for capacitive proximity sensors, featuring an ultra-low power converter with fast response time. The AD7150 is a 2-channel alternative to the AD7151.

FEATURES
   Ultra-low power
      2.7 V to 3.6 V, 70 μA
   Response time: 10 ms
   Adaptive environmental compensation
   1 capacitance input channel
      Sensor capacitance (CSENS) 0 pF up to 13 pF
      Sensitivity to 1 fF
   EMC tested
   2 modes of operation
      Standalone with fixed settings
      Interfaced to a microcontroller for user-defined settings
   Proximity detection output flag
   2-wire serial interface (I2C compatible)
   Operating temperature
      −40°C to +85°C
   10-lead MSOP package
  
APPLICATIONS
   Proximity sensing
   Contactless switching
   Position detection
   Level detection




Similar Part No. - AD7151BRMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7151BRMZ-REEL AD-AD7151BRMZ-REEL Datasheet
425Kb / 29P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
Rev. 0
More results


Similar Description - AD7151BRMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7150 AD-AD7150 Datasheet
986Kb / 28P
Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7150 AD-AD7150_15 Datasheet
986Kb / 28P
Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_15 Datasheet
1,022Kb / 28P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
Capacitance-to-Digital Converter for Proximity Level Sensing Applications
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
Converter for Proximity Sensing
Rev. 0
AD7151 AD-AD7151_17 Datasheet
425Kb / 29P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
Rev. 0
logo
Shanghai Leiditech Elec...
ULC3311CDNQ LEIDITECH-ULC3311CDNQ Datasheet
643Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
TPD1E01B04DPYT LEIDITECH-TPD1E01B04DPYT Datasheet
339Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
BDFN2C031RF LEIDITECH-BDFN2C031RF Datasheet
332Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
RCLAMP3521P LEIDITECH-RCLAMP3521P Datasheet
431Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 1.0 : 07.07.2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com